Electronic Components Datasheet Search
  English  ▼

X  

P451WG Datasheet(PDF) 2 Page - NEC

Part # P451WG
Description  NEC P451WG Professional Projector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

P451WG Datasheet(HTML) 2 Page - NEC

  P451WG Datasheet HTML 1Page - NEC P451WG Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document Name:
Document Revision:
Document Date:
NECP451WG
Version 1
June 2014
__________________________________________________________________________________________________________
For more information, visit www.nec.com.au, email contactus@nec.com.au or call 131 632
NEC P451WG
SPECIAL CHARACTERISTICS
Auto Eco Mode, Carbon Savings Meter, Contrast Ratio 4000:1 with
Iris, Control ID Function, DICOM Simulation, Direct Power-Off
Function, Geometric correction by software, Help Function, HTTP
Browser Control, Kensington security slot, Keypad Lock, Lens
Cover, Lens Shift, vertical +60%, Magnify, Manual Wall Color
Correction, Mouse Control with USB Display, NaViSet
Administrator 2, Optional User Logo, OSD with 27 languages,
Password Security System, Pincushion Correction, Plug&Play W-
LAN Option, Quick Start, Remote Desktop, Source Select with
Beep Function, Test Pattern, Timer-Function, Unique Power
Saving Functions, USB Display including Audio, USB Viewer,
Virtual Remote for direct PC control, Windows 7 Network
Projector, Windows Media Connect Function, Windows Network
Drive
Energy Efficiency 0.4W Power save mode; 40% AV mute
function; Auto ECO Mode; Green one touch
ECO and AV mute button
Ecological
Materials
Downloadable manuals; ECO packaging
Ecological
Standards
ErP compliant; RoHs compliant
Technical Specification NEC P451WG
IMAGE
Projection Technology
3 x 1.5 cm (0.59") LCD Panel with MLA
Native Resolution
1280 x 800 (WXGA)
Contrast Ratio 1
4000:1
Brightness 1
4500 High Bright / 3600 Normal / 2700 Eco ANSI Lumens
Lamp
270 W UHP AC
Lamp Life [hrs]
6000 Eco / 4000 Normal / 3500 High Bright Mode
Lens
F= 1.7–2.2, f= 17.4–29 mm
Lens shift
Vertical lens shift 0 - 0.6
Keystone correction
manual H/V +/-30°
Projection Factor
1.3 – 2.2 : 1
Projection Distance [m]
0.7 – 14.6
Screen Size (diagonal) [cm] / [inch]
Maximum: 762 / 300"; Minimum: 64 / 25"
Zoom
1 - 1.7; Manual
Focus Adjustment
Manual
Supported Resolutions
Up to 1920 x 1200 (WUXGA)
Frequency
Horizontal: 15–100 kHz (RGB: 24 kHz); Vertical: 50 – 120 Hz
CONNECTIVITY
RGB (analogue)
Input: 1 x Mini D-sub 15 pin
Output: 1 x Mini D-sub 15 pin
HDMI™
Input: 2 x HDMI™ (Deep Color, Lip sync) with HDCP
Video
Input: 1 x RCA
S-Video
Input: 1 x Mini DIN 4-pin
Audio
Input: 1 x 3.5 mm Stereo Mini Jack; 1 x 3.5 mm Stereo Mini Jack for Computer
analogue; 1 x RCA Stereo for Video and S-Video; 2 x HDMI audi
o
Output: 1 x 3.5 mm Stereo Mini Jack (variable)
Control
Input: 1 x D-Sub 9 pin (RS-232) (male)
LAN
1 x RJ45
USB
1 x Type B; 2 x Type A (USB 2.0 high speed)
Video Signals
NTSC 3.58; NTSC 4.43; PAL; PAL-M; PAL-N; PAL60; SECAM
REMOTE CONTROL
Remote Control
Aspect Ratio; Audio Control; Auto Adjust; Eco Mode Control; Freeze-function;
Help-function; ID set; Keystone Correction; Magnify-function; Page (up, down);
Picture Adjust; Picture Mute; Power (On-OFF); Presentation and Mouse Control;
Select (up, down, left, right); Source Select
ELECTRICAL
Power Supply
100-240 V AC; 50 - 60 Hz
Power Consumption [W]
357 (High Bright) / 292 (Normal) / 231 (Eco) / 10 (Stand-by) / 2.8 (Network
Stand-by) / 0.4 (Power Savings Mode)
MECHANICAL
Dimensions (W x H x D) [mm]
398 x 115 x 282 (without lens and feet)
Weight [kg]
4.1
Fan Noise [dB (A)]
30 / 37 (Eco / Normal)
ERGONOMICS
Safety and Ergonomics
CE; ErP; RoHS; TÜV GS
Speakers [W]
1 x 16 (mono)
WARRANTY
Projectors
5 years conditional warranty
Lamp
6 months, 2,000 hours
SHIPPING CONTENT
Shipping Contents
IR Remote Control (RD-448E); Mini D-SUB Signal Cable (1.8 m); Power Cord (1.8
m); Projector; Quick Setup Guide; Security Sticker; Users Manual; Utility software
OPTIONAL ACCESSORIES
Optional Accessories
Cable Cover (NP03CV); Free Wireless Image Utility App; Lamp (NP23LP);
Universal Ceiling Mounts (PROJBUN1E/1S/2S/3S);
Wireless LAN module NP02LM2
1 Compliance with ISO21118-2005



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com