Electronic Components Datasheet Search
  English  ▼

X  

P703 Datasheet(PDF) 1 Page - NEC

Part # P703
Description  NEC LCD 70 Large Format Display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

P703 Datasheet(HTML) 1 Page - NEC

  P703 Datasheet HTML 1Page - NEC P703 Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(limited availability).
This document is © copyright 2016 NEC Australia
All rights reserved in favour of their respective owners. All hardware and software names are brand names and/or registered trademarks of the respective manufacturers.
All specifications are subject to change without notice. Errors and omissions are expected. Please consult with your NEC representative.
NEC MultiSync® P703
Order Code: P703
NEC LCD 70" Large Format Display
The Reference MultiSync® P703 gives the ultimate size and
quality image for content that will capture the imagination and
attention of your visitors. The display can be pre-configured
also placed on reducing power consumption and lowering
running costs with the LED backlighting and Human Sensor
which can manage the power of the display depending upon
viewer proximity.
This display is ideal for any heavy duty application from retail
to control rooms or as a projector replacement in high
brightness meeting rooms and can be combined with an
integrated OPS WiDi.
DELIVERING GENUINE BENEFITS
Programmable Ambient Light Sensor - for reduced power
consumption and eye pleasing brightness levels.
Future Ready with OPS Cable Free Expansion - Upgrade the
power of your display at any time without the need for external
cables or devices.
DICOM support- for medical applications.
Free Download of Multi-Display Management Software - with
NaViSet Administrator 2 you can manage all your connected
display devices from a centralised location.
Free DisplayNote Presenter Licence - present, share,
collaborate with multiple participants across multiple devices
.
OUTSTANDING PERFORMANCE
Reduce Installation and Operating Costs. The combination of LED back lights,
Intelligent Wireless Data (NFC), programmable Ambient Light Sensor and (optional)
OPS Slot-in PCs delivers the lowest installation and operating cost of any public
display on the market.
•
Intelligent Wireless Data (based on NFC). The built-in near field
communication (NFC) chip allows data to be read and written with a mobile phone
or tablet PC. Using the NEC Android app the user can pre-configure the display e.g.
LAN settings, language etc. by holding an NFC capable device close to the display.
All data will be transferred to the screen without the display needing power. This
reduces set up and installation time and cost.
•
Human Sensor. Save on power and reduce operating cost when the display
operates at a very low brightness level and only switches to a higher brightness
e.g. switch inputs automatically to change from entertainment to information when a
person approaches the screen.
•
Interface Extension. This slot offers unique flexibility for additional connections with
the choice of adding a single digital or two analogue boards.
•


Similar Part No. - P703

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P703 ETC2-P703 Datasheet
239Kb / 2P
SMP MALE STRAIGHT PCB SURFACE MOUNT
P703 ETC2-P703 Datasheet
4Mb / 122P
E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
logo
NEC
P703-MT NEC-P703-MT Datasheet
607Kb / 2P
NEC LCD 70" Large Format Touch Screen
logo
National Instruments Co...
P70360 NI-P70360 Datasheet
217Kb / 4P
Mid-Range Stepper/Servo Motion Controllers
P70360 NI-P70360 Datasheet
209Kb / 5P
High-Performance Stepper/Servo Motion Controllers
More results

Similar Description - P703

ManufacturerPart #DatasheetDescription
logo
NEC
PA272W-BK NEC-PA272W-BK Datasheet
1Mb / 2P
NEC LCD 27" Large Format Display
X464UNV NEC-X464UNV Datasheet
799Kb / 2P
NEC LCD 46 Large Format Display
E654 NEC-E654 Datasheet
401Kb / 2P
NEC LCD 65 Large Format Display
E705 NEC-E705 Datasheet
967Kb / 2P
NEC LCD 70 Entry Level Large Format Display
P403 NEC-P403 Datasheet
833Kb / 2P
NEC LCD 40 Large Format Display
P553 NEC-P553 Datasheet
817Kb / 2P
NEC LCD 55 Large Format Display
P703-MT NEC-P703-MT Datasheet
607Kb / 2P
NEC LCD 70" Large Format Touch Screen
P801 NEC-P801 Datasheet
830Kb / 2P
NEC LCD 80 Large Format Display
V423 NEC-V423 Datasheet
845Kb / 2P
NEC LCD 42 Large Format Display
V552 NEC-V552 Datasheet
843Kb / 2P
NEC LCD 55 Large Format Display
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com