Electronic Components Datasheet Search
  English  ▼

X  

P801 Datasheet(PDF) 1 Page - NEC

Part # P801
Description  NEC LCD 80 Large Format Display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

P801 Datasheet(HTML) 1 Page - NEC

  P801 Datasheet HTML 1Page - NEC P801 Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(limited availability).
This document is © copyright 2016 NEC Australia
All rights reserved in favour of their respective owners. All hardware and software names are brand names and/or registered trademarks of the respective manufacturers.
All specifications are subject to change without notice. Errors and omissions are expected. Please consult with your NEC representative.
NEC MultiSync® P801
Order Code: P801
NEC LCD 80" Large Format Display
The Reference MultiSync P801 is the flagship model in the
new P Series range, giving the ultimate size and quality image
for content that will capture the imagination and attention of
installed via our innovative new Android App and NFC sensor
offer saving installation time and cost. A focus is also placed
on reducing power consumption and lowering running costs
with the LED backlighting and Human Sensor which can
manage the power of the display depending upon viewer
proximity.
This display is ideal for any heavy duty application from retail
to control rooms or as a projector replacement in high
brightness meeting rooms and can be combined with an
DELIVERING GENUINE BENEFITS
Programmable Ambient Light Sensor - for reduced power
consumption and eye pleasing brightness levels.
Future Ready with OPS Cable Free Expansion - Upgrade the
power of your display at any time without the need for external
cables or devices.
DICOM support- for medical applications.
Free DisplayNote Presenter Licence - present, share,
collaborate with multiple participants across multiple devices
.
Free Download of Multi-Display Management Software - with
NaViSet Administrator 2 you can manage all your connected
display devices from a centralised location.
OUTSTANDING PERFORMANCE
Reduce Installation and Operating Costs. The combination of LED back lights,
Intelligent Wireless Data (NFC), programmable Ambient Light Sensor and (optional) OPS
the market.
•
Intelligent Wireless Data (based on NFC). The built-in near field communication (NFC)
chip allows data to be read and written with a mobile phone or tablet PC. Using the NEC
Android app the user can pre-configure the display e.g. LAN settings, language etc. by
holding an NFC capable device close to the display. All data will be transferred to the
screen without the display needing power. This reduces set up and installation time and
cost.
•
Human Sensor.
nearby. This optional feature can also be used for creative signage to e.g. switch inputs
automatically to change from entertainment to information when a person approaches
the screen.
•
Interface Extension. This slot offers unique flexibility for additional connections with
the choice of adding a single digital or two analogue boards.
•


Similar Part No. - P801

ManufacturerPart #DatasheetDescription
logo
NEC
P801-MT NEC-P801-MT Datasheet
607Kb / 2P
NEC LCD 80 Large Format Touch Screen
logo
NIKO SEMICONDUCTOR CO.,...
P8010BD NIKOSEM-P8010BD Datasheet
310Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
P8010BD UNIKC-P8010BD Datasheet
464Kb / 5P
N-Channel Enhancement Mode MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
P8010BI NIKOSEM-P8010BI Datasheet
309Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
P8010BI UNIKC-P8010BI Datasheet
801Kb / 8P
N-Channel Enhancement Mode MOSFET
More results

Similar Description - P801

ManufacturerPart #DatasheetDescription
logo
NEC
PA272W-BK NEC-PA272W-BK Datasheet
1Mb / 2P
NEC LCD 27" Large Format Display
X464UNV NEC-X464UNV Datasheet
799Kb / 2P
NEC LCD 46 Large Format Display
E654 NEC-E654 Datasheet
401Kb / 2P
NEC LCD 65 Large Format Display
E805 NEC-E805 Datasheet
967Kb / 2P
NEC LCD 80 Entry Level Large Format Display
P403 NEC-P403 Datasheet
833Kb / 2P
NEC LCD 40 Large Format Display
P553 NEC-P553 Datasheet
817Kb / 2P
NEC LCD 55 Large Format Display
P703 NEC-P703 Datasheet
818Kb / 2P
NEC LCD 70 Large Format Display
V423 NEC-V423 Datasheet
845Kb / 2P
NEC LCD 42 Large Format Display
V801 NEC-V801 Datasheet
610Kb / 2P
NEC LCD 80 Large Format Display
V801-TM NEC-V801-TM Datasheet
603Kb / 2P
NEC LCD 80 Touch Large Format Display
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com