Electronic Components Datasheet Search
  English  ▼

X  

L78S05C Datasheet(PDF) 26 Page - STMicroelectronics

Part # L78S05C
Description  Short circuit protection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78S05C Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L78S05C Datasheet HTML 22Page - STMicroelectronics L78S05C Datasheet HTML 23Page - STMicroelectronics L78S05C Datasheet HTML 24Page - STMicroelectronics L78S05C Datasheet HTML 25Page - STMicroelectronics L78S05C Datasheet HTML 26Page - STMicroelectronics L78S05C Datasheet HTML 27Page - STMicroelectronics L78S05C Datasheet HTML 28Page - STMicroelectronics L78S05C Datasheet HTML 29Page - STMicroelectronics L78S05C Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
Typical performance
L78S
26/35
DocID2148 Rev 8
Note:
The circuit performs well up to 100 kHz.
Note:
Q2 is connected as a diode in order to compensate the variation of the Q1 VBE with the
temperature. C allows a slow rise time of the VO.
Figure 34. Power AM modulator (unity voltage gain, IO ≤ 1 A)
Figure 35. Adjustable output voltage with temperature compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com