Electronic Components Datasheet Search
  English  ▼

X  

L6995STR Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6995STR
Description  LOSSLESS CURRENT LIMIT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6995STR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6995STR Datasheet HTML 5Page - STMicroelectronics L6995STR Datasheet HTML 6Page - STMicroelectronics L6995STR Datasheet HTML 7Page - STMicroelectronics L6995STR Datasheet HTML 8Page - STMicroelectronics L6995STR Datasheet HTML 9Page - STMicroelectronics L6995STR Datasheet HTML 10Page - STMicroelectronics L6995STR Datasheet HTML 11Page - STMicroelectronics L6995STR Datasheet HTML 12Page - STMicroelectronics L6995STR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
9/26
L6995S
ductor value is, the smaller the threshold is. On the other hand, the bigger the inductor value is, the slower the
transient response is. In PFM mode the frequency changes, with the output current changing, more than in
PWM mode; in fact if the output current increase, the output voltage decreases more quickly; so the successive
turn-on arrives before, increasing the switching frequency. The PFM waveforms may appear more noisy and
asynchronous than normal operation, but this is normal behaviour mainly due to the very low load. If the PFM
is not compatible with the application it can be disabled connecting to VCC the NOSKIP pin.
4.4 Softstart
If the supply voltages are already applied, the SHDN pin gives the start-up. The system starts with the high side
MOSFET off and the low side MOSFET on. After the SHDN pin is turned on the SS pin voltage begins to in-
crease and the system starts to switch. The softstart is realized by gradually increasing the current limit thresh-
old to avoid output overvoltage. The active soft start range for the VSS voltage (where the output current limit
increase linearly) starts from 0.6V to 1.5V. In this range an internal current source (5
µA Typ) charges the ca-
pacitor on the SS pin; the reference current (for the current limit comparator) forced through ILIM pin is propor-
tional to SS pin voltage and it saturates at 5
µA (Typ.) when SS voltage is close to 1.5V and the maximum current
limit is active. Undervoltage protection is disabled until SS pin voltage reaches 1.5V; instead the overvoltage is
always present (see figure 7).
Once the SS pin voltage reaches the 1.5V value, the voltage on SS pin doesn't impact the system operation
anymore. If the SHDN pin is turned on before the supplies, the correct start-up sequence is the following: first
turn-on the power section and after the logic section (VCC pin).
Figure 8. Soft -Start Diagram
Because the system implements the soft start controlling the inductor current, the soft start capacitor selection
is function of the output capacitance, the current limit and the soft start active range (
∆VSS).
In order to select the softstart capacitor it must be imposed that the output voltage reaches the final value before
the soft start voltage reaches the under voltage value (1.5V). In other words the output voltage charging time
has to be lower than the uvp time.
The UVP time is given by:
Eq 7
In order to calculate the output volatge chargin time it should be calculated, before, the output volatrge function
versus time. This function can be calculated from the inductor current function; the inductor current function can
Time
Time
0.6V
Maximum current limit
Soft-start active range
5
µA
4.1V
1.5V
Ilim current
Vss
T
uvp CSS
()
V
uvp
Iss
------------ C
SS
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com