Electronic Components Datasheet Search
  English  ▼

X  

L9777 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9777
Description  High precision output voltage
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9777 Datasheet(HTML) 1 Page - STMicroelectronics

  L9777 Datasheet HTML 1Page - STMicroelectronics L9777 Datasheet HTML 2Page - STMicroelectronics L9777 Datasheet HTML 3Page - STMicroelectronics L9777 Datasheet HTML 4Page - STMicroelectronics L9777 Datasheet HTML 5Page - STMicroelectronics L9777 Datasheet HTML 6Page - STMicroelectronics L9777 Datasheet HTML 7Page - STMicroelectronics L9777 Datasheet HTML 8Page - STMicroelectronics L9777 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
This is information on a product in full production.
February 2014
DocID13496 Rev 4
1/25
L9777
Low power voltage regulator
Datasheet
- production data
Features
 Operating DC supply voltage range 5.6 V to
31 V
 Low current consumption (110 μA typ @ Iout = 0)
 High precision output voltage (2 %)
 Low dropout voltage
 VDD tracking regulator switchable on/off by
VDD_EN pin
 Reset circuit sensing the output voltage down
to 1 V.
 Double reset function
 Adjustable reset threshold
 External capacitor to set NMI/ reset power up
delay and watchdog frequency
 Over temperature protection
 Wide temperature range (TJ = -40 °C to 150 °C)
 Short circuit proof
 Suitable for use in automotive electronics
Description
The L9777 is a monolithic integrated low drop
regulator which can supply up to 200 mA,
available in the PowerSSO-12 package.
It is designed to supply microprocessor systems
under severe conditions of automotive
applications and therefore equipped with
additional protection functions against over load,
short circuit and over temperature.
Of course the L9777 can also be used in other
applications where a regulated voltage is
required.
PowerSSO-12 (exposed DIE Pad)
Table 1. Device summary
Order code
Package
Packing
L9777A
PowerSSO-12
Tray
L9777B
PowerSSO-12
Tray
L9777B13TR
PowerSSO-12
Tape and reel
L9777C
PowerSSO-12
Tray
L9777C13TR
PowerSSO-12
Tape and reel
www.st.com


Similar Part No. - L9777

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L9777-02 HAMAMATSU-L9777-02_15 Datasheet
256Kb / 2P
CW laser diodes
logo
STMicroelectronics
L9777A STMICROELECTRONICS-L9777A Datasheet
481Kb / 25P
Low power voltage regulator
14-Dec-2010
L9777B STMICROELECTRONICS-L9777B Datasheet
481Kb / 25P
Low power voltage regulator
14-Dec-2010
L9777B13TR STMICROELECTRONICS-L9777B13TR Datasheet
481Kb / 25P
Low power voltage regulator
14-Dec-2010
L9777C STMICROELECTRONICS-L9777C Datasheet
481Kb / 25P
Low power voltage regulator
14-Dec-2010
More results

Similar Description - L9777

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
logo
Panasonic Semiconductor
AN8150FB PANASONIC-AN8150FB Datasheet
1Mb / 19P
Octal, high precision 13-bit voltage output DAC
logo
Texas Instruments
LMP8480 TI-LMP8480 Datasheet
992Kb / 24P
Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8481 TI1-LMP8481 Datasheet
1Mb / 28P
Precision 76V High-Side Current Sense Amplifiers with Voltage Output
logo
Linear Integrated Syste...
LT6658BHMSE-2.5 LINEAR-LT6658BHMSE-2.5 Datasheet
2Mb / 30P
Precision Dual Output, High Current, Low Noise, Voltage Reference
LT6658BIMSE-2.5 LINEAR-LT6658BIMSE-2.5 Datasheet
2Mb / 30P
Precision Dual Output,High Current, Low Noise, Voltage Reference
logo
Linear Technology
LT6658 LINER-LT6658 Datasheet
261Kb / 4P
Precision Dual Output, High Current, Low Noise, Voltage Reference
logo
Maxim Integrated Produc...
MAX6072 MAXIM-MAX6072 Datasheet
1Mb / 21P
High-Precision, Dual-Output Series Voltage Reference
19-7483; Rev 0; 12/14
logo
Analog Devices
ADR3625 AD-ADR3625 Datasheet
3Mb / 21P
Precision, Micropower, High Current Output Voltage Reference
Rev. 0
ADR3625 AD-ADR3625_V01 Datasheet
3Mb / 26P
Precision, Micropower, High Current Output Voltage References
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com