Electronic Components Datasheet Search
  English  ▼

X  

VSC7937 Datasheet(PDF) 5 Page - Vitesse Semiconductor Corporation

Part # VSC7937
Description  Single Supply 2.5Gb/s Voltage Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7937 Datasheet(HTML) 5 Page - Vitesse Semiconductor Corporation

  VSC7937 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7937 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7937 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7937 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7937 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7937 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7937 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7937 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7937 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7937
Single Supply 2.5Gb/s Voltage Driver
G52200-0, Rev 3.0
Page 5
03/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Figure 4: Differential AC-Coupled
Figure 5: Differential DC-Coupled/Differential ECL
X
X
(NCLK)
NDIN
X
(CLKTERM)
DINTERM
(CLK)
DIN
VSS
GND
50
-2.0V
50
4.0K
6.4K
SOURCE
0.1
µf
0.1
µf
GND
0.1
µf
X
X
(NCLK)
NDIN
X
(CLKTERM)
DINTERM
(CLK)
DIN
VSS
-2.0V
GND
50
-2.0V
50
4.0K
6.4K
SOURCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com