Electronic Components Datasheet Search
  English  ▼

X  

PH1000UG Datasheet(PDF) 2 Page - NEC

Part # PH1000UG
Description  NEC PH1000UG Professional Installation Projector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PH1000UG Datasheet(HTML) 2 Page - NEC

  PH1000UG Datasheet HTML 1Page - NEC PH1000UG Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document Name:
Document Revision:
Document Date:
NEC-PH1000UG
Version 1
July 2014
__________________________________________________________________________________________________________
For more information, visit www.nec.com.au, email contactus@nec.com.au or call 131 632
NEC PH1000UG
SPECIAL CHARACTERISTICS
3D Stacking, AMX Beacon, Blanking, Crestron RoomView, DICOM
Simulation, Digital 3D Reform™, Direct Power-Off Function, Edge
Blending Function (03.2012), Free Tilt, Full Metal Cabinet,
Geometric Correction, Help Function, Keystone Correction (H=
±40°, V=±30°), LAN control, Lens Memory, Lens Shift (vertical -0.4
max/+0.55 max, horizontal ± 0.2 max.), Lens Shutter, Metal
Cabinet, NaViSet Administrator 2, OPS module support, Optional
User Logo, OSD with 27 languages, Outstanding Multimedia and
Network Functions, Password Security System, PIP/Side by Side,
HDMI - Input, PJ LINK, Plug&Play W-LAN Option, Powerpoint,
Movie, PDF and USB Picture Viewer, RS-232 Control, Seamless
Switching, SNMP, Stacking Function, Test Pattern, Windows 7
Network Projector
Energy Efficiency
Intelligent Power Management;
Complete shut-off switch
Ecological Standards
RoHs compliant; ErP compliant; WEEE
Technical Specification NEC PH1000UG
IMAGE
Projection Technology
3-Chip - (0.96") DLP™ Technology
Native Resolution
1920 x 1200 (WUXGA)
Contrast Ratio 1
2000:1
Brightness 1
11000 ANSI Lumen (approx. 75% in Eco Mode)
Lamp
2-Lamp System (2 x 400 W AC)
Lamp Life [hrs]
2000
Lens
6 optional bayonet lenses with lens memory
Projection Distance [m]
1.1 (NP25FL) - 74 (NP29ZL)
Screen Size (diagonal) [cm] / [inch]
Minimum: 203 / 80"; Maximum: 1,270 / 500"
Zoom
Motorised
Focus Adjustment
Motorised
Supported Resolutions
1920 x 1200; 1920 x 1080 (HDTV 1,080i/60, HDTV 1,080i/50); 1600 x 1200
(UXGA); 1400 x 1050 (SXGA); 1280 x 1024 (SXGA); 1280 x 720 (HDTV 720p);
1152 x 870 (Mac 21"); 1024 x 768 (XGA) compressed; 832 x 624 (Mac 16"); 800 x
600 (SVGA); 720 x 576 (DVD progressive); 720 x 480 (DVD progressive); 720 x
480 (SDTV 480p); 640 x 480 (VGA/Mac 13")
Frequency
Horizontal: 15–108 kHz (RGB: 24 kHz); Vertical: 48 – 120 Hz
CONNECTIVITY
RGB (analogue)
Input: 2 x Mini D-sub 15 pin; 1 x 5BNC, shared with Component Signal (YPbPr)
Output: 1 x Mini D-sub 15 pin
Digital
Input: 1 x DisplayPort; 1x HDMI™ (V.1.3) supporting HDCP
Video
Input: 1 x RCA
S-Video
Input: 1 x Mini DIN 4-pin
Control
Input: 1 x D-Sub 9 pin (RS-232), Network
Option Slot
Input: 1 x Slot for optional STv2 or HD/SD-SDI Module
USB
2 x Type A (USB 2.0 high speed)
Video Signals
PAL; PAL60; NTSC; SECAM; NTSC 4.43; PAL-N; PAL-M
REMOTE CONTROL
Input:
1 x 3.5 mm Stereo Mini Jack
Remote Control
Aspect Ratio; Auto Adjust; Eco Mode Control; Freeze-function; Full Lense control;
Help-function; ID Select; Picture Adjust; Picture Mute; Power (On-OFF); Select (up,
down, left, right); Shutter function; Source Select
ELECTRICAL
Power Supply
100-240 V AC; 50 - 60 Hz
Power Consumption [W]
1050 Normal Dual Lamp Mode; 580 Normal Single Lamp Mode; 490 Eco Single
Lamp Mode; 840 Eco Dual Lamp Mode; 60 Network Stand-By Mode; 0.5 Power
Savings Mode
MECHANICAL
Dimensions (W x H x D) [mm]
578 x 235 x 558 (without lens and feet)
Weight [kg]
39
Fan Noise [dB (A)]
41 Normal Single Lamp Mode; 41 Eco Single Lamp Mode
ERGONOMICS
Safety and Ergonomics
CE; ErP; TÜV GS; RoHS
WARRANTY
Projectors
Lamp
SHIPPING CONTENT
Shipping Contents
Projector; IR Remote Control (RD - 455E); Stacking Holder; Users Manual on CD-
ROM; Quick Setup Guide
OPTIONAL ACCESSORIES
Optional Accessories
Lenses
NP25FL (0.67:1); NP26ZL (1.39-1.84:1); NP27ZL (1.87-2.56:1); NP28ZL
(2.56-4.16:1); NP29ZL (4.16-6.96:1)
1 Compliance with ISO21118-2005
3 years conditional warranty
6 months, max 2000hrs
Air Filter (NP03FT); Ceiling Mount Kits (PROJBUN1XL); Lamp (NP22LP);
STv2 PC; HD/SDI Module; Wireless LAN Module NP02LM2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com