Electronic Components Datasheet Search
  English  ▼

X  

PH1201QL Datasheet(PDF) 1 Page - NEC

Part # PH1201QL
Description  NEC Laser Projector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PH1201QL Datasheet(HTML) 1 Page - NEC

  PH1201QL Datasheet HTML 1Page - NEC PH1201QL Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NEC PH1201QL
Order Code: NP-PH1201QL
NEC Laser Projector
NEC innovation in light source technology brings to market the new NEC
PH1201QL, a 4K 3DLP Laser-Phosphor Installation projector delivering all the
benefits associated with the latest laser light source and highest 4K
resolution. With no lamp replacement necessary, maintenance is not required
and longevity is assured. Achieving an outstanding colour gamut and
supreme image detail at highest 4K resolutions, laser is the light source of
the future.
Addressing the demanding large venue environment, the new NEC
PH1201QL presents superior projection performance within Rental/Staging,
Higher Education, Museums, large Corporates and Control Room
installations.
BENEFITS
Native 4K Resolution - extreme image quality and detail is achieved via the
highest resolutions.
No lamp replacement - up to 20000 h maintenance free operation possible
due to Laser Light Source.
Easy Transportation - most compact 12000 Lumen 4K Laser Projector on
the market.
This document is © 2015 NEC Australia Pty Ltd.
All rights reserved in favour of their respective owners. All hardware and software names are brand names and/or registered trademarks of the respective manufacturers. All specifications
are subject to change without notice. Errors and omissions are excepted. 13.11.2015
au.nec.com


Similar Part No. - PH1201QL

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PH1200A280 TDK-PH1200A280 Datasheet
1Mb / 5P
1200W, 200 to 425VDC Input DC-DC Converters
January 13th, 2023 V1
PH1200A280-12 TDK-PH1200A280-12 Datasheet
1Mb / 5P
1200W, 200 to 425VDC Input DC-DC Converters
January 13th, 2023 V1
PH1200A280-12/T TDK-PH1200A280-12/T Datasheet
1Mb / 5P
1200W, 200 to 425VDC Input DC-DC Converters
January 13th, 2023 V1
PH1200A280-24 TDK-PH1200A280-24 Datasheet
1Mb / 5P
1200W, 200 to 425VDC Input DC-DC Converters
January 13th, 2023 V1
PH1200A280-24/T TDK-PH1200A280-24/T Datasheet
1Mb / 5P
1200W, 200 to 425VDC Input DC-DC Converters
January 13th, 2023 V1
More results

Similar Description - PH1201QL

ManufacturerPart #DatasheetDescription
logo
NEC
NC1100L NEC-NC1100L Datasheet
657Kb / 2P
NEC Laser Projector
P451WG NEC-P451WG Datasheet
783Kb / 2P
NEC P451WG Professional Projector
P451XG NEC-P451XG Datasheet
736Kb / 2P
NEC P451XG Professional Projector
P501XG NEC-P501XG_14 Datasheet
783Kb / 2P
NEC P501XG Professional Projector
P502WG NEC-P502WG Datasheet
596Kb / 2P
NEC Professional Projector
P502WLG NEC-P502WLG Datasheet
573Kb / 2P
NEC Laser Projector
PH1202HL NEC-PH1202HL Datasheet
727Kb / 2P
NEC Laser Projector
PX602UL NEC-PX602UL Datasheet
682Kb / 2P
NEC Hybrid Laser Projector
PX602WL NEC-PX602WL Datasheet
652Kb / 2P
NEC Hybrid Laser Projector
PX803UL NEC-PX803UL Datasheet
946Kb / 2P
NEC Laser Projector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com