Electronic Components Datasheet Search
  English  ▼

X  

TL082 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # TL082
Description  Wide Bandwidth Dual JFET Input Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TL082 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button TL082 Datasheet HTML 4Page - National Semiconductor (TI) TL082 Datasheet HTML 5Page - National Semiconductor (TI) TL082 Datasheet HTML 6Page - National Semiconductor (TI) TL082 Datasheet HTML 7Page - National Semiconductor (TI) TL082 Datasheet HTML 8Page - National Semiconductor (TI) TL082 Datasheet HTML 9Page - National Semiconductor (TI) TL082 Datasheet HTML 10Page - National Semiconductor (TI) TL082 Datasheet HTML 11Page - National Semiconductor (TI) TL082 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Typical Applications (Continued)
DS008357-13
• All potentiometers are linear taper
• Use the LF347 Quad for stereo applications
Note 8: All controls flat.
Note 9: Bass and treble boost, mid flat.
Note 10: Bass and treble cut, mid flat.
Note 11: Mid boost, bass and treble flat.
Note 12: Mid cut, bass and treble flat.
Improved CMRR Instrumentation Amplifier
DS008357-14
C and E are separate isolated grounds
Matching of R2’s, R4’s and R5’s control CMRR
With AVT = 1400, resistor matching = 0.01%: CMRR = 136 dB
• Very high input impedance
• Super high CMRR
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com