Electronic Components Datasheet Search
  English  ▼

X  

TS3021H Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS3021H
Description  Automotive rail-to-rail 1.8 V high-speed comparator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3021H Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS3021H Datasheet HTML 6Page - STMicroelectronics TS3021H Datasheet HTML 7Page - STMicroelectronics TS3021H Datasheet HTML 8Page - STMicroelectronics TS3021H Datasheet HTML 9Page - STMicroelectronics TS3021H Datasheet HTML 10Page - STMicroelectronics TS3021H Datasheet HTML 11Page - STMicroelectronics TS3021H Datasheet HTML 12Page - STMicroelectronics TS3021H Datasheet HTML 13Page - STMicroelectronics TS3021H Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Electrical characteristics
TS3021H
10/19
DocID028425 Rev 2
Figure 1: Current consumption vs. supply voltage
(Vicm = 0 V, output high)
Figure 2: Current consumption vs. supply voltage
(Vicm = Vcc output high)
Figure 3: Current consumption vs. supply voltage
(Vicm = 0 V, output low)
Figure 4: Current consumption vs. supply voltage
(Vicm = Vcc output low)
Figure 5: Output voltage vs. source current, Vcc = 2 V
Figure 6: Output voltage vs. sink current, Vcc = 2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com