Electronic Components Datasheet Search
  English  ▼

X  

UM0584 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM0584
Description  STEVAL-ISA031V1: 40 W SMPS with HV MOSFET and L6565 for three-phase industrial applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0584 Datasheet(HTML) 5 Page - STMicroelectronics

  UM0584 Datasheet HTML 1Page - STMicroelectronics UM0584 Datasheet HTML 2Page - STMicroelectronics UM0584 Datasheet HTML 3Page - STMicroelectronics UM0584 Datasheet HTML 4Page - STMicroelectronics UM0584 Datasheet HTML 5Page - STMicroelectronics UM0584 Datasheet HTML 6Page - STMicroelectronics UM0584 Datasheet HTML 7Page - STMicroelectronics UM0584 Datasheet HTML 8Page - STMicroelectronics UM0584 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UM0584
Demonstration board description
Doc ID 14974 Rev 1
5/9
The 5 V output is obtained from the 24 V output by means of an integrated power IC, the
L5970AD.
The L5970AD is a step-down monolithic power switching regulator with a switch current limit
of 1.5 A, capable of delivering more than 1 A of DC current to the load depending on
application conditions. The output voltage can be adjusted down to 1.235 V by a voltage
divider. The device uses an internal P-channel DMOS transistor, with a typical RDS(on) of
200 m
Ω as a switching element to avoid the need for a bootstrap capacitor and to guarantee
high efficiency. An internal oscillator sets the switching frequency at 500 kHz to minimize the
size of external components. The power IC features several protection functions, such as
pulse-by-pulse current limiting, with the internal frequency modulation aimed at effective
constant current short-circuit protection, feedback disconnection and thermal shutdown.
Finally, the device can be synchronized using a dedicated pin, and also inhibited for reduced
standby power consumption and time sequence operations.
The schematic of the board is shown in Figure 3. The complete power supply is built on a
double-sided 35 µm PCB in FR-4, sized 130 x 66 mm.
The bill of materials is given in table below.
1.1
Bill of materials
Table 2.
STEVAL-ISA031V1 bill of materials
Reference
Value
Description
C1
22 µF - 450 V
Elect. capacitor – 85 °C
C2
22 µF - 450 V
Elect. capacitor – 85 °C
C3
22 nF - 660 Vac
Polip. capacitor X2
C4
22 nF - 660 Vac
Polip. capacitor X2
C5
4.7 nF - 2 kV
Polip. capacitor FKP1 - WIMA
C6
1 nF
Elect. capacitor
C7
2.2 nF
Ceramic capacitor
C8
100 nF
Ceramic capacitor
C9
2.2 nF
Ceramic capacitor
C10
47 µF
Ceramic capacitor
C11
470 pF
Ceramic capacitor
C12
n.m.
Ceramic capacitor
C13
6.8 nF (n.m.)
Ceramic capacitor
C14
2.2 nF
Polip. capacitor X1 Y1
C15
220 µF – 35 V
Elect. capacitor
C16
22 µF – 35 V
Elect. capacitor
C17
220 µF – 10 V
Elect. capacitor
C18
22 nF
Ceramic capacitor
C19
220 pF
Ceramic capacitor



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com