Electronic Components Datasheet Search
  English  ▼

X  

UM1539 Datasheet(PDF) 36 Page - STMicroelectronics

Part # UM1539
Description  STEVAL-IFS017V1 multi device temperature sensor and RTC demo
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1539 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button UM1539 Datasheet HTML 32Page - STMicroelectronics UM1539 Datasheet HTML 33Page - STMicroelectronics UM1539 Datasheet HTML 34Page - STMicroelectronics UM1539 Datasheet HTML 35Page - STMicroelectronics UM1539 Datasheet HTML 36Page - STMicroelectronics UM1539 Datasheet HTML 37Page - STMicroelectronics UM1539 Datasheet HTML 38Page - STMicroelectronics UM1539 Datasheet HTML 39Page - STMicroelectronics UM1539 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
System overview
UM1539
36/46
Doc ID 023106 Rev 1
2
System overview
This demo is a generic system for evaluating the family of temperature sensors and RTC
from ST. This demo has 2 main blocks:
1.
STM32F102xx microcontroller based motherboard.
2.
Temperature sensors and RTC based daughter cards.
2.1
Hardware design description
Figure 22.
Block diagram
●
JP: jumper for selecting one VCC (daughter card supply) out of 2.3 V/ 2.7 V/ 3.0 V/
3.3 V/ 3/6 V
●
S/W: reset switch
●
A0;A1;A2: address selection switches for temp sensors.
2.1.1
STEVAL-IFS017V1-STM32F102xx based motherboard
The main components present on the motherboard are:
1.
STM32F102C6T6 microcontroller.
2.
LD39080DT33-R voltage regulator.
3.
LD39080PT-R adjustable voltage regulator.
4.
SPDT switches for address configuration of temperature sensors.
5.
Connectors for mounting the daughter cards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com