Electronic Components Datasheet Search
  English  ▼

X  

UM1694 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM1694
Description  STEVAL-ILH007V1: 150W HID digital ballast based on STLUX385A
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1694 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM1694 Datasheet HTML 22Page - STMicroelectronics UM1694 Datasheet HTML 23Page - STMicroelectronics UM1694 Datasheet HTML 24Page - STMicroelectronics UM1694 Datasheet HTML 25Page - STMicroelectronics UM1694 Datasheet HTML 26Page - STMicroelectronics UM1694 Datasheet HTML 27Page - STMicroelectronics UM1694 Datasheet HTML 28Page - STMicroelectronics UM1694 Datasheet HTML 29Page - STMicroelectronics UM1694 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Bill of material
UM1694
28/30
DocID025509 Rev 1
81
1
U4
ALTAIR04-900
off-line all-
primary-
sensing
switching
regulator
SMD SO16N
ST
82
1
U5
LD29080S33
R
low drop
voltage
regulators
SMD
SOT223
ST
83
1
U6,U7
L6390
high-voltage
high/low-side
driver
SO16
ST
84
1
U8
STLM20
analog
temperature
sensor
SOT323-5L
ST
85
1
20°K/W
heat sink
through hole
13 x 12.7 x
19.5mm
86
1
3.32 °K/W
heat sink
100 x 27 x 50
mm
Table 7. Bill of material (BOM) (continued)
Item Quantity
Reference
Value
Rated
Type
Package
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com