Electronic Components Datasheet Search
  English  ▼

X  

B4LF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # B4LF
Description  .6~1.5W Isolated DC/DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

B4LF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  B4LF Datasheet HTML 1Page - Bothhand USA, LP. B4LF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features:
Input Filter With Internal Capacitor
Input / Output Isolation 1K Vdc Or 3K Vdc(H)
Low Ripple And Noise
100% Burn-In
Regulated type
Net Weight : 2.2 g / 2.7 g
Typical
7 Pin SIL / 14 Pin DIL Package
Custom Design Available
Technical Specification (1/2):
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%)Typ.
1) Single Output SIL Package Style
B4-0503SS(H) LF
3
200
28
231
50
± 0.5
52
B4-053R3SS(H) LF
3.3
200
28
254
50
± 0.5
52
B4-0505SS(H) LF
5
200
28
377
50
± 0.5
53
B4-0509SS(H) LF
9
150
26
500
60
± 0.5
54
B4-0512SS(H) LF
5
12
100
26
436
80
± 0.5
55
B4-1203SS(H) LF
3
200
18
94
50
± 0.5
53
B4-123R3SS(H) LF
3.3
200
18
104
50
± 0.5
53
B4-1205SS(H) LF
5
200
18
154
50
± 0.5
54
B4-1209SS(H) LF
9
150
18
205
60
± 0.5
55
B4-1212SS(H) LF
12
12
100
18
179
80
± 0.5
56
B4-2403SS(H) LF
3
200
5
47
50
± 0.5
53
B4-243R3SS(H) LF
3.3
200
5
52
50
± 0.5
53
B4-2405SS(H) LF
5
200
4
77
50
± 0.5
54
B4-2409SS(H) LF
9
150
4
102
60
± 0.5
55
B4-2412SS(H) LF
24
12
100
4
89
80
± 0.5
56
Mechanical Dimensions (1/2):
SIL Package Style
B4-0505SS LF
Printed Face
19.50
(0.76)
6.00
(0.24)
9.50
(0.37)
0.50
(0.02)
3.05
(0.12)Min
2.54
(0.10)
12.70
(0.50)
0.50
(0.02)
0.25
(0.01)
1.25
(0.05)
8.50
(0.33)
5.00
(0.20)
Pb
17.00
(0.67)
8.00
(0.31)
0.50
(0.02)
Single Output
Pin
1K Vdc 3K Vdc
1
+Vin
+Vin
2
-Vin
-Vin
3
No Pin
4
-Vo
No Pin
5
No Pin
-Vo
6
+Vo
No Pin
7
No Pin
+Vo
B4 LF Series
.6~1.5W Isolated DC/DC Converter
BOTHHAND USA
www.bothhandusa.com
sales@bothhandusa.com


Similar Description - B4LF

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
PCD6 LAMBDA-PCD6 Datasheet
363Kb / 4P
Single output DC-DC converter 1.5W ~ 6W?
PP15 LAMBDA-PP15 Datasheet
188Kb / 4P
Single output DC-DC converter 1.5W ~ 25W???
PPD3 LAMBDA-PPD3 Datasheet
188Kb / 4P
Single output DC-DC converter 1.5W ~ 25W????
logo
Microdc power Technolog...
WRA-ZD-1W5 MICRODC-WRA-ZD-1W5 Datasheet
665Kb / 3P
1.5W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
B-XD-1W5 MICRODC-B-XD-1W5 Datasheet
848Kb / 3P
Isolated 1.5W Single Output DC-DC Converters
logo
MORNSUN Science& Techno...
IA0512WS-1W5 MORNSUN-IA0512WS-1W5 Datasheet
241Kb / 2P
1.5W, FIXED INPUT, ISOLATED& REGULATED DUAL OUTPUT DC-DC CONVERTER
logo
Microdc power Technolog...
3RB-XD MICRODC-3RB-XD Datasheet
459Kb / 2P
Isolated 1.5W Single Output DC-DC Converters
logo
Bothhand USA, LP.
B4-LF-SERIES BOTHHAND-B4-LF-SERIES Datasheet
629Kb / 2P
6~1.5W Isolated DC/DC Converter
logo
GAPTEC Electronic GmbH ...
1.5D8A GAPTEC-1.5D8A Datasheet
344Kb / 2P
1.5W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Bel Fuse Inc.
RDT-6Y BEL-RDT-6Y Datasheet
787Kb / 7P
6 W Isolated DC-DC Converter
15 December 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com