Electronic Components Datasheet Search
  English  ▼

X  

UM1943 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM1943
Description  Getting started with the X-NUCLEO-IHM07M1 motor driver expansion board based on the L6230 for STM32 Nucleo
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1943 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM1943 Datasheet HTML 20Page - STMicroelectronics UM1943 Datasheet HTML 21Page - STMicroelectronics UM1943 Datasheet HTML 22Page - STMicroelectronics UM1943 Datasheet HTML 23Page - STMicroelectronics UM1943 Datasheet HTML 24Page - STMicroelectronics UM1943 Datasheet HTML 25Page - STMicroelectronics UM1943 Datasheet HTML 26Page - STMicroelectronics UM1943 Datasheet HTML 27Page - STMicroelectronics UM1943 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
UM1943
BOM (bill of material)
DocID028304 Rev 1
25/28
Item
Qty
Ref
Part/ value
Volt/Watt/Amp
Type
Tol.
49
1
X
SMBJ48A-TR
Transil™
Table 5: BOM (part 2)
Item
Package
Manufacturer
Orderable part number
1
0603
ANY
ANY
2
0805
TDK
C2012X7R1A475M125AC
3
0603
ANY
ANY
4
0603
ANY
ANY
5
0603
ANY
ANY
6
0603
ANY
ANY
7
0603
ANY
ANY
8
0603
ANY
ANY
9
0603
ANY
ANY
10
0603
ANY
ANY
11
SMD 10 mm x 10.5 mm
Nichicon
UUX1J101MNL1GS
12
0603
ANY
13
0603
ANY
ANY
14
SOT-23
Infineon
SMBD 7000
15
SOD-523
STMicroelectronics
BAT30KFILM
16
SMD 0603
Lite-on
LTST-C193KRKT-5A
17
TH 2.54 mm pitch
any
18
TH 3.81 pitch
any
19
TH 3.81 pitch
any
20
TH 2.54 mm pitch
any
21
TH
Vero Technologies
20-2137
22
TH 2.54 mm pitch
any
23
TH 2.54 mm pitch
Samtec
ESQ-119-24-T-D
24
TH 2.54 mm pitch
Samtec
ESQ-108-24-T-S
25
TH 2.54 mm pitch
Samtec
ESQ-110-24-T-S
26
TH 2.54 mm pitch
Samtec
ESQ-106-24-T-S
27
0603
ANY
ANY
28
0603
ANY
ANY
29
0603
ANY
ANY
30
0603
Vishay
CRCW0603169KFKEA
31
0603
PANASONIC
ERJ3EKF9311V
32
TDK
NTCG103JF103F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com