Electronic Components Datasheet Search
  English  ▼

X  

B9LF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # B9LF
Description  2 Watt Isolated DC-DC Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

B9LF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  B9LF Datasheet HTML 1Page - Bothhand USA, LP. B9LF Datasheet HTML 2Page - Bothhand USA, LP. B9LF Datasheet HTML 3Page - Bothhand USA, LP. B9LF Datasheet HTML 4Page - Bothhand USA, LP. B9LF Datasheet HTML 5Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2 Watt Isolated DC-DC Converter
B9 LF - Series
Low Enable Dual Output
1 . Features
Wide 2 : 1 Input Range
Low Ripple And Noise
Input / Output Isolation 1K Vdc
100 % Burn-In
Input Filter With Internal Capacitor
Custom Design Available
Net Weight :
4.5 g
Typical
RoHS Converter Certified By SGS
2 . Dual Output Selection Guide
(Specifications typical at Ta= +25℃, Nominal input voltage, Rated output current unless otherwise noted)
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%)Max.
Efficiency
(%)Typ.
Dual Output SIL Package Style
B9-1205D2 LF
± 5
± 200
4
317
50
± 2
74
B9-1212D2 LF
± 12
± 84
4
300
100
± 2
78
B9-1215D2 LF
9-18
± 15
± 67
4
300
120
± 2
78
B9-2405D2 LF
± 5
± 200
4
161
50
± 2
73
B9-2409D2 LF
± 9
± 111
4
154
80
± 2
76
B9-2412D2 LF
± 12
± 84
4
154
100
± 2
76
B9-2415D2 LF
18-36
± 15
± 67
4
154
120
± 2
76
B9-4805D2 LF
± 5
± 200
4
78
50
± 2
75
B9-4809D2 LF
± 9
± 111
4
75
80
± 2
78
B9-4812D2 LF
± 12
± 84
4
75
100
± 2
78
B9-4815D2 LF
36-75
± 15
± 67
4
75
120
± 2
76
Notes :
1.
Load regulation is for output current change from 0 % to 100 % Max. Load.
1
Bothhand
www.bothhand
.com
E-mail: sales@bothhand


Similar Part No. - B9LF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
B9L MACOM-B9L Datasheet
55Kb / 1P
CONNECTORS B SERIES
B9LS MACOM-B9LS Datasheet
55Kb / 1P
CONNECTORS B SERIES
More results

Similar Description - B9LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B3-0505DS BOTHHAND-B3-0505DS Datasheet
375Kb / 5P
2 Watt Isolated DC-DC Converter Single / Dual Output
BA-2-LF-SERIES BOTHHAND-BA-2-LF-SERIES Datasheet
342Kb / 6P
2 Watt Isolated DC-DC Converter
BD-LF-SERIES BOTHHAND-BD-LF-SERIES Datasheet
759Kb / 6P
2 To 6 Watt Isolated DC-DC Converter
BP-LF-SERIES BOTHHAND-BP-LF-SERIES Datasheet
793Kb / 7P
2 To 6 Watt Isolated DC-DC Converter
BA-2LF BOTHHAND-BA-2LF Datasheet
342Kb / 6P
2 Watt Isolated DC-DC Converter
BDLF BOTHHAND-BDLF Datasheet
759Kb / 6P
2 To 6 Watt Isolated DC-DC Converter
BMA1 BOTHHAND-BMA1 Datasheet
420Kb / 4P
1 Watt Isolated DC-DC Converter
BPLF BOTHHAND-BPLF Datasheet
793Kb / 7P
2 To 6 Watt Isolated DC-DC Converter
logo
CINCON ELECTRONICS Corp...
CQB75-300S CINCON-CQB75-300S Datasheet
400Kb / 8P
75 WATT 2:1 INPUT ISOLATED DC-DC CONVERTER
logo
Eaton All Rights Reserv...
EPM6-2V EATON-EPM6-2V Datasheet
716Kb / 6P
1 Watt isolated DC-DC converter
March 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com