Electronic Components Datasheet Search
  English  ▼

X  

BA-2LF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # BA-2LF
Description  2 Watt Isolated DC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BA-2LF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  BA-2LF Datasheet HTML 1Page - Bothhand USA, LP. BA-2LF Datasheet HTML 2Page - Bothhand USA, LP. BA-2LF Datasheet HTML 3Page - Bothhand USA, LP. BA-2LF Datasheet HTML 4Page - Bothhand USA, LP. BA-2LF Datasheet HTML 5Page - Bothhand USA, LP. BA-2LF Datasheet HTML 6Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BA-2 LF - Series
2 Watt Isolated DC-DC Converter
1 . Features
4 Pin SIL / 8 Pin SIL Package
Low Ripple And Noise
Input / Output Isolation:1K Vdc
100% Burn-In
Input Filter With Internal Capacitor
Custom Design Available
Net Weight﹕1.4 g / 1.8 g
Typical
RoHS Converter Certified By SGS
2 . Model Selection Guide
(Specifications typical at Ta= +25℃
℃
℃
℃, Nominal input voltage, Rated output current unless otherwise noted)
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%)Typ.
1) 2 W Single Output SIL Package Style
1 KV Isolation
BA-053R3S2 LF
3.3
600
40
533
50
± 12
75
BA-0505S2 LF
5
400
40
533
60
± 10
75
BA-0509S2 LF
9
222
40
533
80
± 8
75
BA-0512S2 LF
12
167
35
520
100
± 8
77
BA-0515S2 LF
5
15
134
35
520
120
± 8
77
BA-123R3S2 LF
3.3
600
18
222
50
± 12
75
BA-1205S2 LF
5
400
18
222
60
± 10
75
BA-1209S2 LF
9
222
16
217
80
± 8
77
BA-1212S2 LF
12
167
16
217
100
± 8
77
BA-1215S2 LF
12
15
134
16
217
120
± 8
77
BA-243R3S2 LF
3.3
600
5
111
50
± 12
75
BA-2405S2 LF
5
400
5
111
60
± 10
75
BA-2409S2 LF
9
222
5
110
80
± 8
76
BA-2412S2 LF
12
167
5
110
100
± 8
76
BA-2415S2 LF
24
15
134
5
110
120
± 8
76
2) 2 W Single Output DIL Package Style
1 KV Isolation
BA-0505D2 LF
5
400
40
533
60
± 10
75
BA-0509D2 LF
9
222
40
533
80
± 8
75
BA-0512D2 LF
12
167
35
520
100
± 8
77
BA-0515D2 LF
5
15
134
35
520
120
± 8
77
Bothhand USA
http://www.bothhandusa.com
sales@bothhandusa.com


Similar Part No. - BA-2LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BA-2-LF-SERIES BOTHHAND-BA-2-LF-SERIES Datasheet
342Kb / 6P
2 Watt Isolated DC-DC Converter
logo
Vestal Electronic Devic...
BA-20 VESTAL-BA-20 Datasheet
20Kb / 1P
Bare Axial Jumper Wire
BA-22 VESTAL-BA-22 Datasheet
20Kb / 1P
Bare Axial Jumper Wire
BA-22-SEQ VESTAL-BA-22-SEQ Datasheet
20Kb / 1P
Bare Axial Jumper Wire
BA-24 VESTAL-BA-24 Datasheet
20Kb / 1P
Bare Axial Jumper Wire
More results

Similar Description - BA-2LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B3-0505DS BOTHHAND-B3-0505DS Datasheet
375Kb / 5P
2 Watt Isolated DC-DC Converter Single / Dual Output
BA-2-LF-SERIES BOTHHAND-BA-2-LF-SERIES Datasheet
342Kb / 6P
2 Watt Isolated DC-DC Converter
BD-LF-SERIES BOTHHAND-BD-LF-SERIES Datasheet
759Kb / 6P
2 To 6 Watt Isolated DC-DC Converter
BP-LF-SERIES BOTHHAND-BP-LF-SERIES Datasheet
793Kb / 7P
2 To 6 Watt Isolated DC-DC Converter
B9LF BOTHHAND-B9LF Datasheet
183Kb / 5P
2 Watt Isolated DC-DC Converter
BDLF BOTHHAND-BDLF Datasheet
759Kb / 6P
2 To 6 Watt Isolated DC-DC Converter
BMA1 BOTHHAND-BMA1 Datasheet
420Kb / 4P
1 Watt Isolated DC-DC Converter
BPLF BOTHHAND-BPLF Datasheet
793Kb / 7P
2 To 6 Watt Isolated DC-DC Converter
logo
CINCON ELECTRONICS Corp...
CQB75-300S CINCON-CQB75-300S Datasheet
400Kb / 8P
75 WATT 2:1 INPUT ISOLATED DC-DC CONVERTER
logo
Eaton All Rights Reserv...
EPM6-2V EATON-EPM6-2V Datasheet
716Kb / 6P
1 Watt isolated DC-DC converter
March 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com