Electronic Components Datasheet Search
  English  ▼

X  

BMA1 Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # BMA1
Description  1 Watt Isolated DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BMA1 Datasheet(HTML) 2 Page - Bothhand USA, LP.

  BMA1 Datasheet HTML 1Page - Bothhand USA, LP. BMA1 Datasheet HTML 2Page - Bothhand USA, LP. BMA1 Datasheet HTML 3Page - Bothhand USA, LP. BMA1 Datasheet HTML 4Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BMA1 / BMB1 Series
1 Watt Isolated DC-DC Converter
Dual
Dual
Dual
Dual Output
Output
Output
Output
2
4 . Nominal Input/Output Electrical Specifications
(Specifications typical at Ta= +25℃
℃
℃
℃
,Nominal input voltage, Rated output current unless otherwise noted)
Parameter
Condition
Min.
Typ.
Max.
Unit
Input Voltage Range
48V nominal Input
43.2
48
52.8
Vdc
Output Voltage Accuracy
---
---
± 5.0
Load Regulation(10% load to full load)
---
---
± 10
Voltage Balance (Dual Outputs)
---
---
± 1.0
Unbalanced load 10% to 100% full load
---
---
±15
%
Switching Frequency
---
100
---
KHz
Temperature Coefficient
Nominal Input
---
± 0.01
± 0.02
%/ ℃
Isolation Voltage
60 Second / 0.5 mA
1000
---
---
Vdc
Isolation Resistance
500 Vdc
1000
---
---
MΩ
Isolation Capacitance
1KHz / 250mV rms
---
30
---
pF
Max. Line Regulation (Per 1.0 % change in input change)
---
---
1.3
%
5 . General Specification
Parameter
Specification
Condition
Isolation Voltage
1000 Vdc
Test Duration 60 Seconds / 0.5 mA
Isolation Resistance
1000 MΩ Min.
@ 500 Vdc
Operating Temperature (1)
-40℃ ~ +85℃
@ Ambient Temperature With Natural Convention
Operating Temperature (2)
-40℃ ~ +95℃
@ Case Surface Temperature
Storage Temperature
-55℃ ~ +105℃
---
Humidity
Up To 90 %
---
Cooling
Free Air Convection
---
Case Type
Plastic
---
6. Ordering Information
7 . Power Derating Curve
Temperature derating graph
100
-40 -20
0
20
40
60
80
120
25%
50%
75%
100%
125%
85
85
85
85
Temperature Derating Graph
Operating Ambient Temperature(°C)
BMA1-xxD1
Device Family
Input Voltage
Output Voltage:"0"For 3.3V;"1"For
5V;"A"For 9V;"2"For 12V;"3"For 15V
"A"For SIL Package;"B"For DIL Package
"S"For Single Output;"D" For Dual Output
Output Power
BOTHHAND USA sales@bothhandusa.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com