Electronic Components Datasheet Search
  English  ▼

X  

UM2082 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM2082
Description  Getting started with X-NUCLEO-IHM06A1 low voltage stepper motor driver expansion board based on STSPIN220 for STM32 Nucleo
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2082 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM2082 Datasheet HTML 6Page - STMicroelectronics UM2082 Datasheet HTML 7Page - STMicroelectronics UM2082 Datasheet HTML 8Page - STMicroelectronics UM2082 Datasheet HTML 9Page - STMicroelectronics UM2082 Datasheet HTML 10Page - STMicroelectronics UM2082 Datasheet HTML 11Page - STMicroelectronics UM2082 Datasheet HTML 12Page - STMicroelectronics UM2082 Datasheet HTML 13Page - STMicroelectronics UM2082 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
UM2082
Bill of materials
DocID029504 Rev 1
11/14
4
Bill of materials
Table 6: Bill of materials
Part reference
Part value
Part description
CN5
CONN10
10 pin elevated socket, female, straight two part
board connector
CN6, CN9
CONN8
8 pin elevated socket, female, straight two part
board connector
CN7, CN10
N.M.
Elevated Socket MORPHO connector 19x2, TH
pitch 2.54 mm
CN8
CONN6
6 pin elevated socket, female, straight two part
board connector
C1
3.3 nF, 50 V, 15 %
Ceramic Capacitor, SMD 0603
C2
2.2 µF, 16 V 20 %
Ceramic Capacitor, SMD 0603
C3
N. M.
Electrolytic capacitor, TH D5xH11xP2 mm
C4
22 µF, 16 V, 20 %
Aluminum Electrolytic capacitor, SMD L4.5xW4.5
mm
C5
1 nF, 50 V, 15 %
Ceramic Capacitor, SMD 0603
C6
10 nF, 50 V, 15 %
Ceramic Capacitor, SMD 0603
C7
22 nF, 50 V, 5 %
Ceramic Capacitor, SMD 0603
C8
220 Nf, 35 V, 15 %
Ceramic Capacitor, SMD 0603
D1, D2 ,D3, D4
LED
SMD LED (yellow)
D5
LED
SMD LED (red)
J1
Motor Connector
Screw PCB terminal block 1x6
Q2
N-MOS
2N7002 or similar
R1
0 Ω, 5 %, 0.125 W
Resistor, SMD 0805
R2,R21
N.M.
Resistor, SMD 0603
R3
18 kΩ, 5%, 0.1 W
Resistor, SMD 0603
R4
39 kΩ, 5 %, 0.1 W
Resistor, SMD 0603
R5, R16
330 Ω, 5%, 0.1 W
Resistor, SMD 0603
R6, R7, R8, R9
680 mΩ, 1%, 0.33 W
Resistor, SMD 0805
R10, R23, R24,
R25, R26
47 kΩ, 5 %, 0.1 W
Resistor, SMD 0603
R11
1 kΩ, 5 %, 0.1 W
Resistor, SMD 0603
R12, R13, R14, R15
2.2 kΩ, 5 %, 0.125 W
Resistor, SMD 0805
R17, R19, R32, R33
330 Ω, 5 %, 0.125 W
Resistor, SMD 0805
R18, R20
N. M.
Resistor, SMD 0805
R22
22 kΩ, 5 %, 0.1 W
Resistor, SMD 0603
R27
22 kΩ, 1 %, 0.1 W
Resistor, SMD 0603
R28, R29, R30, R31
10 kΩ, 5 %, 0.1 W
Resistor, SMD 0603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com