Electronic Components Datasheet Search
  English  ▼

X  

F7LF Datasheet(PDF) 4 Page - Bothhand USA, LP.

Part # F7LF
Description  15 Watt Isolated DC-DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

F7LF Datasheet(HTML) 4 Page - Bothhand USA, LP.

  F7LF Datasheet HTML 1Page - Bothhand USA, LP. F7LF Datasheet HTML 2Page - Bothhand USA, LP. F7LF Datasheet HTML 3Page - Bothhand USA, LP. F7LF Datasheet HTML 4Page - Bothhand USA, LP. F7LF Datasheet HTML 5Page - Bothhand USA, LP. F7LF Datasheet HTML 6Page - Bothhand USA, LP. F7LF Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
F7 LF - Series
15 Watt Isolated DC-DC Converter
Single / Dual Output
100
8 . Efficiency & Output Load Chart
Vout= 5 Vdc
Vout= 12 Vdc
9 . Mechanical Dimension
Single Output Metal Case Model
Units : mm (inch)
Tolerance : 0.xx ± 0.25 (0.xx ± 0.01)
0
10
20
30
40
50
60
70
80
90
Output Load (mA)
0
10
20
30
40
50
60
70
80
90
Output Load (mA)
10.16
(0.40)
Bottom View
5.08
(0.20)
50.80
(2.00)
20.32
(0.80)
15.24
(0.60)
10.16
(0.40)
Top View
+IN
25.40
(1.00)
15.24
(0.60)
2.54
(0.10)
5.08
(0.20)
10.16
(0.40)
-IN
10.16
(0.40)
2.54
(0.10)
f 1.00
(0.04)
-OUT
+OUT
+OUT
-OUT
F7-1205S10M LF
IN=9~18Vdc
OUT=5Vdc/2A
+
IN
Printed Face
11.30
(0.44)
34.66
(1.36)
Pb
5.00
(0.20)
21.16
(0.83)
46.42
(1.83)
-
5.08
(0.20)
2.54
(0.10)
f 1.00
(0.04)
Printed Face
11.30
(0.44)
34.66
(1.36)
5.00
(0.20)
ψ
www.bothhandusa.com
978-887-8050
sales@bothhandusa.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com