Electronic Components Datasheet Search
  English  ▼

X  

F7WLF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # F7WLF
Description  15 Watt Isolated DC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

F7WLF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  F7WLF Datasheet HTML 1Page - Bothhand USA, LP. F7WLF Datasheet HTML 2Page - Bothhand USA, LP. F7WLF Datasheet HTML 3Page - Bothhand USA, LP. F7WLF Datasheet HTML 4Page - Bothhand USA, LP. F7WLF Datasheet HTML 5Page - Bothhand USA, LP. F7WLF Datasheet HTML 6Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
F7W LF - Series
15 Watt Isolated DC-DC Converter
Single / Dual Output
104
1 . Features
l
Wide 4 : 1 Input Range
l
Low Ripple And Noise
l
Input / Output Isolation 1.5K Vdc Or 3K Vdc
l
100% Burn-In
l
Input π - Filter
l
Custom Design Available
l
Net Weight :
36.5 g
Typical
l
RoHS Converter Certified By SGS
2 . Model Selection Guide
(Specifications typical at Ta= +25℃, Nominal input voltage, Rated output current unless otherwise noted)
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA)
Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%)Max.
Efficiency
(%)Typ.
1) 15 W Single Output Series
F7W-243R3S15M LF
3.3
4500
10
770
40
± 0.5
81
F7W-2405S15M LF
5
3000
20
740
50
± 0.5
84
F7W-2412S15M LF
12
1250
25
725
60
± 0.5
86
F7W-2415S15M LF
9-36
15
1000
30
720
70
± 0.5
87
F7W-483R3S15M LF
3.3
4500
10
380
40
± 0.5
82
F7W-4805S15M LF
5.0
3000
20
365
50
± 0.5
85
F7W-4812S15M LF
12
1250
25
360
60
± 0.5
87
F7W-4815S15M LF
18-75
15
1000
30
355
70
± 0.5
88
1) 15 W Dual Output Series
F7W-4815S15M LF
± 5
± 1500
18
740
50
± 2
85
F7W-2412D15M LF
± 12
± 625
22
725
100
± 2
86
F7W-2415D15M LF
9-36
± 15
± 500
20
720
120
± 2
87
F7W-4805D15M LF
± 5
± 1500
18
365
50
± 2
86
F7W-4812D15M LF
± 12
± 625
22
360
100
± 2
87
F7W-4815D15M LF
18-75
± 15
± 500
20
355
120
± 2
88
Notes :
1. Standard output voltage is 3.3V, 5V, 9V, 12V, 15V, F7W-xxxxSxxx LF or F7W-xxxxDxxx LF is for customer design.
2. Load regulation is for output current change from 0% to 100% Max. load.
www.bothhandusa.com
978-887-8050
sales@bothhandusa.com


Similar Part No. - F7WLF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
F7W-2405S15MLF BOTHHAND-F7W-2405S15MLF Datasheet
762Kb / 6P
15 Watt Isolated DC-DC Converter
F7W-2412D15MLF BOTHHAND-F7W-2412D15MLF Datasheet
762Kb / 6P
15 Watt Isolated DC-DC Converter
F7W-2412S15MLF BOTHHAND-F7W-2412S15MLF Datasheet
762Kb / 6P
15 Watt Isolated DC-DC Converter
F7W-2415D15MLF BOTHHAND-F7W-2415D15MLF Datasheet
762Kb / 6P
15 Watt Isolated DC-DC Converter
F7W-2415S15MLF BOTHHAND-F7W-2415S15MLF Datasheet
762Kb / 6P
15 Watt Isolated DC-DC Converter
More results

Similar Description - F7WLF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4100-48V TI-PT4100-48V Datasheet
194Kb / 3P
48V 15 WATT ISOLATED DC-DC CONVERTER
SLTS021A TI-SLTS021A Datasheet
173Kb / 3P
15 Watt Isolated DC-DC Converter
logo
AIMTEC
AM15EW-Z AIMTEC-AM15EW-Z Datasheet
251Kb / 3P
15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z_13 Datasheet
265Kb / 3P
15 Watt | DC-DC Converter
AM20EW-NZ AIMTEC-AM20EW-NZ Datasheet
199Kb / 4P
15 Watt | DC-DC Converter
logo
Bothhand USA, LP.
B7-LF-SERIES BOTHHAND-B7-LF-SERIES Datasheet
818Kb / 8P
10 To 15 Watt Isolated DC-DC Converter
F7-LF-SERIES BOTHHAND-F7-LF-SERIES Datasheet
805Kb / 7P
15 Watt Isolated DC-DC Converter
F7W-LF-SERIES BOTHHAND-F7W-LF-SERIES Datasheet
762Kb / 6P
15 Watt Isolated DC-DC Converter
F7LF BOTHHAND-F7LF Datasheet
805Kb / 7P
15 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM25-1V EATON-EPM25-1V Datasheet
1Mb / 9P
15 Watt isolated DC-DC converter
March 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com