Electronic Components Datasheet Search
  English  ▼

X  

LNBH26LPQR Datasheet(PDF) 10 Page - STMicroelectronics

Part # LNBH26LPQR
Description  Selectable output current limit by external resistor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26LPQR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LNBH26LPQR Datasheet HTML 6Page - STMicroelectronics LNBH26LPQR Datasheet HTML 7Page - STMicroelectronics LNBH26LPQR Datasheet HTML 8Page - STMicroelectronics LNBH26LPQR Datasheet HTML 9Page - STMicroelectronics LNBH26LPQR Datasheet HTML 10Page - STMicroelectronics LNBH26LPQR Datasheet HTML 11Page - STMicroelectronics LNBH26LPQR Datasheet HTML 12Page - STMicroelectronics LNBH26LPQR Datasheet HTML 13Page - STMicroelectronics LNBH26LPQR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Pin configuration
LNBH26L
10/28
Doc ID 022876 Rev 1
Pin n°
Symbol
Name
Pin function
10
VUP-B
Channel B
step-up voltage
Input of channel B linear post-regulator. The voltage on this pin
is monitored by the internal channel B step-up controller to
keep a minimum dropout across the linear pass transistor.
11
VOUT-B
Channel B,
LNB output port
Output of channel B integrated very low-drop linear regulator.
Refer to
Table 13 for voltage selection and description.
14
N.C.
Not internally
connected
Not internally connected pin. Set floating if not used.
16
BYP
Bypass capacitor
Needed for internal pre-regulator filtering. The BYP pin is
intended only to connect an external ceramic capacitor. Any
connection of this pin to an external current or voltage sources
may cause permanent damage to the device.
17
VCC
Supply input
8 to 16 V IC DC-DC power supply.
20
VOUT-A
Channel A,
LNB output port
Output of channel A integrated very low-drop linear regulator.
Refer to
Table 13 for voltage selection and description.
21
VUP-A
Channel A
step-up voltage
Input of channel A linear post-regulator. The voltage on this pin
is monitored by the internal channel A step-up controller to
keep a minimum dropout across the linear pass transistor.
22
DSQIN-A
DSQIN for DiSEqC
envelope input
or
external 22 KHz TTL
input
It is intended for channel A 22 kHz tone control.
It can be used as DiSEqC envelope input or external 22 kHz
TTL input depending on the EXTM-A I²C bit setting as follows:
If EXTM-A=0, TEN-A=1: it accepts the DiSEqC envelope code
from the main microcontroller. The LNBH26L uses this code to
modulate the internally generated 22 kHz carrier.
If EXTM-A=TEN-A=1: it accepts external 22 kHz logic signals
which activate the 22 kHz tone output (refer to
Section 2.2).
Pull up
high if the tone output is activated only by the TEN-A
I²C bit.
24
DSQIN-B
DSQIN for DiSEqC
envelope Input
or
external 22 KHz TTL
input
It is intended for channel B 22 kHz tone control.
It can be used as DiSEqC envelope input or external 22 kHz
TTL input depending on the EXTM-B I²C bit setting as follows:
If EXTM-B=0, TEN-B=1: it accepts the DiSEqC envelope code
from the main microcontroller. The LNBH26L uses this code to
modulate the internally generated 22 kHz carrier.
If EXTM-A=TEN-A=1: it accepts external 22 kHz logic signals
which activate the 22 kHz tone output (refer to
Section 2.2).
Pull up
high if the tone output is activated only by TEN-B I²C
bit.
Epad
Epad
Exposed pad
To be connected with power grounds and to the ground layer
through vias to dissipate the heat.
Table 2.
Pin description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com