Electronic Components Datasheet Search
  English  ▼

X  

2SC5866 Datasheet(PDF) 3 Page - Rohm

Part # 2SC5866
Description  Medium power transistor (60V, 2A)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC5866 Datasheet(HTML) 3 Page - Rohm

  2SC5866 Datasheet HTML 1Page - Rohm 2SC5866 Datasheet HTML 2Page - Rohm 2SC5866 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2SC5866
Transistor
3/3
COLLECTOR CURRENT : IC (A)
Fig.7 Base-emitter saturation voltage
vs. collector current
0.001
0.01
0.1
10
1
Ta
=125°C
Ta
=25°C
10
1
0.1
0.01
IC/IB
=10/1
Ta
= −40°C
0.01
0.1
10
1
BASE TO EMITTER VOLTAGE : VBE
(V)
0
0.5
1
1.5
Fig.8 Ground emitter propagation
characteristics
Ta
=125°C
Ta
=25°C
VCE
=2V
Ta
= −40°C
1000
EMITTER CURRENT : IE
(A)
−10
−1
−0.1
−0.01
−0.001
100
10
1
Fig.9 Transition frequency
Ta
=25°C
VCE
=10V
100
COLLECTOR TO BASE VOLTAGE : VCB
(V)
100
10
1
0.1
10
1
Fig.10 Collector output capacitance
Ta
=25°C
f
=1MHz
!
!
!
!Switching characteristics measurement circuits
Collector current
waveform
Base current
waveform
IB1
IB1
90%
10%
IB2
IB2
IC
VIN
PW
IC
RL=12.5
Ω
VCC
25V
PW
50 S
Duty cycle
1%
Ton
Tstg Tf



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com