Electronic Components Datasheet Search
  English  ▼

X  

V423 Datasheet(PDF) 2 Page - NEC

Part # V423
Description  NEC LCD 42 Large Format Display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

V423 Datasheet(HTML) 2 Page - NEC

  V423 Datasheet HTML 1Page - NEC V423 Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document Name:
Document Revision:
Document Date:
NEC MultiSync® V423
Version 1
April 2014
__________________________________________________________________________________________________________
For more information, visit www.nec.com.au, email contactus@nec.com.au or call 131 632
NEC MultiSync® V423
1. AC IN connector
2. Main Power Switch
3. DISPLAYPORT connector
4. HDMI connector
5. DVI connector (DVI-D)
6. VGA IN (mini D-Sub 15 pin)
7. VIDEO1 IN connector (BNC)
8. LAN port (RJ-45)
9. RS-232C (D-Sub 9 pin)
10. REMOTE IN (Black)
11. AUDIO OUT (Blue)
12. AUDIO IN 1 (Blue)
13. EXTERNAL SPEAKER TERMINAL
14. Internal/External speaker switch
SPECIAL CHARACTERISTICS
Advanced fan control, Automatic Alarm E-Mails, Copy display
settings through RS232, DICOM support, FREE DisplayNote
Presenter, Hardware colour calibration possible, Input name
adjustment, Matrix memory, NaViSet Administrator 2, OSD
rotation for portrait mode, PIN as theft protection, Rapid input
switching, Scheduler, Screen saver functions, TileMatrix (10 x 10),
User input priority definition, Various picture in picture options
Energy Efficiency
Ambient light sensor; Carbon savings
meter; ECOMode
Ecological Materials
Optional feet; Manuals on CD
Technical Specification NEC MultiSync® V423
DISPLAY
Panel Technology
S-IPS with Edge LED backlights
Active Screen Area (W x H) [mm]
930 x 523
Screen Size [inch/cm]
42 / 106.68
Aspect Ratio
16:9
Brightness (shipping) [cd/m2]
320, (450 max)
Contrast Ratio (typ.)
1300:1
Viewing Angle [°]
178 horizontal / 178 vertical (typ. at contrast ratio 10:1)
Response Time (typ.) [ms]
12 (grey-to-grey)
Panel Refresh Rate [Hz]
60
SYNCHRONISATION RATE
Horizontal Frequency [kHz]
31.5 - 91.1 (analog and digital)
Vertical Frequency [Hz]
25.2 - 85
RESOLUTION
Native Resolution
1920 x 1080 at 60 Hz
Supported on digital and analogue inputs (PC)
1920 x 1080; 1680 x 1050; 1600 x 1200; 1400 x 1050; 1366 x 786; 1280 x 1024;
1280 x 960; 1280 x 800; 1280 x 768; 1280 x 720; 1024 x 768; 800 x 600; 720 x
576; 720 x 400; 640 x 480
Supported on digital inputs (Video)
1920 x 1080i (59.94/60)16:9; 1920 x 1080p (59.94/60)16:9; 1920 x 1080p (50)
16:9; 1920 x 1080p (23.97/24)16:9; 1920 x 1080p (25)16:9; 1920 x 1080p
(29.97/30)16:9; 1280 x 720p (50)16:9; 720 x 576p (50)16:9; 720 x 480p
(59.94/60)16:9
CONNECTIVITY
Input Video Analogue
1 x D-sub 15 pin; Composite (BNC)
Input Video Digital
1 x DVI-D (with HDCP); 1 x HDMI 1.3 (with HDCP); 1 x DisplayPort (with HDCP)
Input Audio Analogue
1 x 3,5 mm jack
Input Audio Digital
DisplayPort; 1 x HDMI
Input Control
LAN 100Mbit; remote control wire (3,5mm jack); RS232
Output Video Digital
1 x DVI-D (with HDCP)
Output Audio Analogue
3,5mm jack
Output Control
RS232
Remote Control
LAN with SNMP; RS-232C (9-pin D-sub) Input and Output; Remote Control IR
(internal/external (optional) sensor)
OPTION SLOT
Slot Technology
STv2 (compatible with Intel / NEC OPS standard)
Inrush Current [A]
max. 10
Power Consumption [W]
max. 61
Voltage / Current [V/A]
16/4
ELECTRICAL
Power Consumption on Mode [W]
88 shipping; 220 (max.)
Power Savings Mode [W]
< 0.5 (ECO Standby); < 1
Power Management
VESA DPMS
ENVIRONMENTAL CONDITIONS
Operating Temperature [°C]
+0 to +40
Operating Humidity [%]
20 to 80
Storage Humidity [%]
10 to 90
Storage Temperature [°C]
-20 to +60
MECHANICAL
Dimensions (W x H x D) [mm]
Without stand: 972.5 x 565.4 x 68.3
Weight [kg]
Without stand: 16.8
Bezel Width [mm]
18.3 (left and right); 18.3 (top and bottom)
VESA Mounting [mm]
300 x 300 (FDMI); 4 holes; M6
AVAILABLE OPTIONS
Accessories
Feet (ST-322); Speaker (SP-RM2); Wall mounts (LSMU, LTMU, LTAPU)
Option Slot
HD-SDI 1.5G, 3G; Intel Atom, Celeron and Core CPUs; Slot-In PC
ADDITIONAL FEATURES
Colour Versions
Black Front Bezel, Black Back Cabinet
Safety and Ergonomics
C-tick; CE; FCC Class B; PSB; TÜV GS; UL/C-UL or CSA; VCCI; RoHS
Plug and Play
VESA DDC2Bi
Audio
Integrated Speakers (10 W + 10 W); Optional Speakers (15 W + 15 W)
Shipping Content
Display; DVI-D cable; Power Cable; Free LAN control software (download);
Remote Control
Warranty
3 year conditional warranty incl. backlight



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com