Electronic Components Datasheet Search
  English  ▼

X  

SPC560B50x Datasheet(PDF) 9 Page - STMicroelectronics

Part # SPC560B50x
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B50x Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SPC560B50x Datasheet HTML 5Page - STMicroelectronics SPC560B50x Datasheet HTML 6Page - STMicroelectronics SPC560B50x Datasheet HTML 7Page - STMicroelectronics SPC560B50x Datasheet HTML 8Page - STMicroelectronics SPC560B50x Datasheet HTML 9Page - STMicroelectronics SPC560B50x Datasheet HTML 10Page - STMicroelectronics SPC560B50x Datasheet HTML 11Page - STMicroelectronics SPC560B50x Datasheet HTML 12Page - STMicroelectronics SPC560B50x Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 116 page
background image
Table 2. SPC560B40x/50x and SPC560C40x/50x device comparison(1)
Feature
Device
SPC560B
40L1
SPC560B
40L3
SPC560B
40L5
SPC560C
40L1
SPC560C
40L3
SPC560B
50L1
SPC560B
50L3
SPC560B
50L5
SPC560C
50L1
SPC560C
50L3
SPC560B
50B2
CPU
e200z0h
Execution
speed(2)
Static – up to 64 MHz
Code Flash
256 KB
512 KB
Data Flash
64 KB (4 × 16 KB)
RAM
24 KB
32 KB
32 KB
48 KB
MPU
8-entry
ADC (10-bit)
12 ch
28 ch
36 ch
8 ch
28 ch
12 ch
28 ch
36 ch
8 ch
28 ch
36 ch
CTU
Yes
Total timer I/O(3)
eMIOS
12 ch,
16-bit
28 ch,
16-bit
56 ch,
16-bit
12 ch,
16-bit
28 ch,
16-bit
12 ch,
16-bit
28 ch,
16-bit
56 ch,
16-bit
12 ch,
16-bit
28 ch,
16-bit
56 ch,
16-bit
– PWM + MC +
IC/OC(4)
2 ch
5 ch
10 ch
2 ch
5 ch
2 ch
5 ch
10 ch
2 ch
5 ch
10 ch
–PWM +
IC/OC(4)
10 ch
20 ch
40 ch
10 ch
20 ch
10 ch
20 ch
40 ch
10 ch
20 ch
40 ch
– IC/OC(4)
—
3 ch
6 ch
—
3 ch
—
3 ch
6 ch
—
3 ch
6 ch
SCI (LINFlex)
3(5)
4
SPI (DSPI)
2
3
2
3
2
3
2
3
CAN (FlexCAN)
2(6)
56
3(7)
56
I2C
1
32 kHz oscillator
Yes
GPIO(8)
45
79
123
45
79
45
79
123
45
79
123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com