Electronic Components Datasheet Search
  English  ▼

X  

SPC560B54X Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC560B54X
Description  Variable length encoding
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B54X Datasheet(HTML) 1 Page - STMicroelectronics

  SPC560B54X Datasheet HTML 1Page - STMicroelectronics SPC560B54X Datasheet HTML 2Page - STMicroelectronics SPC560B54X Datasheet HTML 3Page - STMicroelectronics SPC560B54X Datasheet HTML 4Page - STMicroelectronics SPC560B54X Datasheet HTML 5Page - STMicroelectronics SPC560B54X Datasheet HTML 6Page - STMicroelectronics SPC560B54X Datasheet HTML 7Page - STMicroelectronics SPC560B54X Datasheet HTML 8Page - STMicroelectronics SPC560B54X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 133 page
background image
This is information on a product in full production.
January 2016
DocID15131 Rev 9
1/133
SPC560B54x, SPC560B60x,
SPC560B64x
32-bit MCU family built on the Power Architecture® for automotive
body electronics applications
Datasheet
- production data
Features
 High performance 64 MHz e200z0h CPU
– 32-bit Power Architecture® technology
CPU
– Up to 60 DMIPs operation
– Variable length encoding (VLE)
 Memory
– Up to 1.5 MB on-chip Code Flash with ECC
– 64 KB on-chip Data Flash with ECC
– Up to 96 KB on-chip SRAM with ECC
– 8-entry MPU
 Interrupts
– 16 priority levels
– Non-maskable interrupt (NMI)
– Up to 51 external interrupts lines including
27 wake-up lines
 16-channel eDMA (linked to PITs, DSPI,
ADCs, eMIOS, LINFlex and I2C)
 GPIOs: 77 (LQFP100), 121 (LQFP144) and
149 (LQFP176)
 Timer units
– 8-channel 32-bit periodic interrupt timer
– 4-channel 32-bit system timer
– System watchdog timer
– Real-time clock timer
 eMIOS, 16-bit counter timed I/O units
– Up to 64 channels with PWM/MC/IC/OC
– Up to 10 counter basis
– ADC diagnostic trigger via CTU
 One 10-bit and one 12-bit ADC with up to 53
channels
– Extendable to 81 channels
– Individual conversion registers
 Cross triggering unit (CTU)
 Dedicated diagnostic module for lighting
– Advanced PWM generation
– Time-triggered diagnostics
– PWM-synchronized ADC measurements
 On-chip CAN/UART bootstrap loader
 Communications interfaces
– Up to 6 FlexCAN (2.0B active) with 64
message buffers each
– Up to 10 LINFlex/UART channels
– Up to 6 buffered DSPI channels
–I2C interface
 Clock generation
– 4 to 16 MHz fast external crystal oscillator
– 32 kHz slow external crystal oscillator
– 16 MHz fast internal RC oscillator
– 128 kHz slow internal RC oscillator for low-
power modes
– Software-controlled FMPLL
– Clock monitoring unit
 Low-power capabilities
– Several low-power mode configurations
– Ultra-low-power standby with RTC and
communication
– Fast wakeup schemes
 Exhaustive debugging capability
– Nexus 2+ interface on LBGA208 package
– Nexus 1 on all packages
 Voltage supply
– Single 5 V or 3.3 V supply
– On-chip voltage regulator
– External ballast resistor support
 LQFP100, LQFP144, and LQFP176 packages;
LBGA208 package for Nexus2+
 Operating temperature range -40 to 125 °C
LQFP144
LQFP100
LQFP176
(20 x 20 x 1.4 mm)
(24 x 24 x 1.4 mm)
(14 x 14 x 1.4 mm)
Table 1.
Device summary
Package
768 KByte
Code Flash
1 MByte
Code Flash
1.5 MByte
Code Flash
LQFP176
—
SPC560B60L7
SPC560B64L7
LQFP144
SPC560B54L5
SPC560B60L5
SPC560B64L5
LQFP100
SPC560B54L3
SPC560B60L3
SPC560B64L3
www.st.com


Similar Part No. - SPC560B54X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC560B50x STMICROELECTRONICS-SPC560B50x Datasheet
2Mb / 116P
Up to 60 DMIPs operation
03-Feb-2015
More results

Similar Description - SPC560B54X

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5824N NPC-SM5824N Datasheet
143Kb / 6P
Variable Length Static Shift Register
SM5837AF NPC-SM5837AF Datasheet
75Kb / 8P
Variable-length 1H Delay Line LSI
SM5839A NPC-SM5839A Datasheet
83Kb / 8P
High-Speed Variable-Length Shift Register
logo
Fairchild Semiconductor
TMC2011A FAIRCHILD-TMC2011A Datasheet
69Kb / 12P
Variable-Length Shift Register
logo
Nippon Precision Circui...
SM5837AF NPC-SM5837AF_06 Datasheet
88Kb / 10P
Variable-length 1H Delay Line LSI
logo
Renesas Technology Corp
M56710FP RENESAS-M56710FP Datasheet
164Kb / 14P
F2F Magnetic Stripe Encoding Card Reader
logo
Cadeka Microcircuits LL...
TMC2011A CADEKA-TMC2011A Datasheet
179Kb / 12P
Variable-Length Shift Register
logo
Maxim Integrated Produc...
MAX64180 MAXIM-MAX64180 Datasheet
882Kb / 114P
High-Quality Video and Audio Encoding
Revision 1.1: 06/04/12
logo
ATMEL Corporation
AT80C51RD2 ATMEL-AT80C51RD2_14 Datasheet
1Mb / 4P
Variable Length MOVX for Slow RAM/Peripherals
logo
STMicroelectronics
UM0438 STMICROELECTRONICS-UM0438 Datasheet
427Kb / 50P
This user manual defines a programming model for use with the variable-length encoding
01-Jul-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com