Electronic Components Datasheet Search
  English  ▼

X  

X462S Datasheet(PDF) 1 Page - NEC

Part # X462S
Description  NEC LCD 46 Large Format Display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

X462S Datasheet(HTML) 1 Page - NEC

  X462S Datasheet HTML 1Page - NEC X462S Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document is © copyright 2014 NEC Australia
All rights reserved in favour of their respective owners. All hardware and software names are brand names and/or registered trademarks of the respective manufacturers.
All specifications are subject to change without notice. Errors and omissions are expected. Please consult with your NEC representative.
NEC MultiSync® X462S
Order Code: X462S
NEC LCD 46" Large Format Display
The superslim MultiSync® X462S delivers the longevity and
reliability customers expect from a Public Display thanks to a
professional Public Display panel and proven NEC engineering
excellence. The reduced depth and light weight makes it easy
to handle and integrate while the new slim option slot STv2
allows for the integration of powerful slot-in PCs and other
option slot products.
Ideal for a wide array of applications such as retail signage
including 24/7, transport applications, conference rooms,
lobby/ reception installations and integration in totems and
furniture.
DELIVERING GENUINE BENEFITS
Super slim design - only 46.1 mm total depth.
Colour Matching - the display can be hardware calibrated to
display a certain colour temperature or brightness to match
other displays in the same installation.
DICOM support- for medical applications.
Programmable Ambient Light Sensor - for reduced power
consumption and eye pleasing brightness levels.
Free DisplayNote Presenter Licence - present, share,
collaborate with multiple participants across multiple devices
Free Download of Multi-Display Management Software - with
NaViSet Administrator 2 you can manage all your connected
display devices from a centralised location.
OUTSTANDING PERFORMANCE
Thanks to Edge LED backlight technology the display comes with super slim and light
weight design which enables integration in extremely slim cabinets and installations
with space constraints.
•
Unique NEC heat management enables the user to monitor and control the heat inside
the display with user controllable fans. Ideal for heavy duty applications or integration
job.
•
Slot Technology version 2 (STv2) allows for the integration of single board computers
and other option slot products without the need to stow external equipment.
•
Integrated speakers save installation costs and preserve the clean look of the screen.
•
The optional NEC wall mount emphasizes the slim design of the product and adds a
mere 7.5 mm making the installation 53.6 mm deep.
•
Peace of mind thanks to full control of the display via LAN with free NEC software and
alert emails in the unlikely event of a problem such as no signal, overheating, back light
failure etc.
•
Daisy chaining via DVI (max. 9 pieces) offering high flexibility at no extra cost if the
signal needs to be passed on for videowalls or back-to-back installations.
•
(limited availability).


Similar Part No. - X462S

ManufacturerPart #DatasheetDescription
logo
Extreme Networks.
X460-G2-16MP-32P-10GE4 EXTREMENETWORKS-X460-G2-16MP-32P-10GE4 Datasheet
558Kb / 20P
Scalable Fixed-Form Switches for Advanced Edge Access and Aggregation
26feb24
X460-G2-24P-10GE4 EXTREMENETWORKS-X460-G2-24P-10GE4 Datasheet
558Kb / 20P
Scalable Fixed-Form Switches for Advanced Edge Access and Aggregation
26feb24
X460-G2-24P-24HP-10GE4 EXTREMENETWORKS-X460-G2-24P-24HP-10GE4 Datasheet
558Kb / 20P
Scalable Fixed-Form Switches for Advanced Edge Access and Aggregation
26feb24
X460-G2-24P-GE4 EXTREMENETWORKS-X460-G2-24P-GE4 Datasheet
558Kb / 20P
Scalable Fixed-Form Switches for Advanced Edge Access and Aggregation
26feb24
X460-G2-24T-10GE4 EXTREMENETWORKS-X460-G2-24T-10GE4 Datasheet
558Kb / 20P
Scalable Fixed-Form Switches for Advanced Edge Access and Aggregation
26feb24
More results

Similar Description - X462S

ManufacturerPart #DatasheetDescription
logo
NEC
P463-MT NEC-P463-MT Datasheet
636Kb / 2P
NEC LCD 46" Large Format Touch Screen
X464UNV NEC-X464UNV Datasheet
799Kb / 2P
NEC LCD 46 Large Format Display
P403 NEC-P403 Datasheet
833Kb / 2P
NEC LCD 40 Large Format Display
P463 NEC-P463 Datasheet
817Kb / 2P
NEC LCD 46 Large Format Display
P703 NEC-P703 Datasheet
818Kb / 2P
NEC LCD 70 Large Format Display
P801 NEC-P801 Datasheet
830Kb / 2P
NEC LCD 80 Large Format Display
V463 NEC-V463 Datasheet
691Kb / 2P
NEC LCD 46 Large Format Display
V463-TM NEC-V463-TM Datasheet
1Mb / 2P
NEC LCD 46 Large Format Display
X464UN NEC-X464UN Datasheet
786Kb / 2P
NEC LCD 46 Large Format Display
X464UNS NEC-X464UNS Datasheet
908Kb / 2P
NEC LCD 46 Specialty Large Format Display
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com