Electronic Components Datasheet Search
  English  ▼

X  

SPC564A80L7 Datasheet(PDF) 10 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 6Page - STMicroelectronics SPC564A80L7 Datasheet HTML 7Page - STMicroelectronics SPC564A80L7 Datasheet HTML 8Page - STMicroelectronics SPC564A80L7 Datasheet HTML 9Page - STMicroelectronics SPC564A80L7 Datasheet HTML 10Page - STMicroelectronics SPC564A80L7 Datasheet HTML 11Page - STMicroelectronics SPC564A80L7 Datasheet HTML 12Page - STMicroelectronics SPC564A80L7 Datasheet HTML 13Page - STMicroelectronics SPC564A80L7 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 157 page
background image
Introduction
SPC564A74L7, SPC564A80B4, SPC564A80L7
10/157
Doc ID 15399 Rev 9
Micro Second Channel (MSC)
bus downlink
Yes
DSPI_A
No
DSPI_B
Yes (with LVDS)
DSPI_C
Yes (with LVDS)
DSPI_D
Yes
No
Yes
FlexRay
Yes
No
Yes
System timers
5 PIT channels
4 STM channels
1 Software Watchdog
eMIOS
24 ch.
16 ch.
24 ch.
eTPU
32 ch. eTPU2
Code memory
14 KB
Data memory
3 KB
Interrupt controller
486 ch.(1)
307 ch.
486 ch.(1)
ADC
40 ch.
34 ch.
40 ch.
ADC_A
Yes
ADC_B
Yes
Temp sensor
Yes
Variable gain amp.
Yes
Decimation filter
2
1
2
Sensor diagnostics
Yes
CRC
Yes
No
Yes
FMPLL
Yes
VRC
Yes
Supplies
5 V, 3.3 V(2)
5V, 3.3V(3)
5V, 3.3V(2)
Low-power modes
Stop Mode
Slow Mode
Packages
LQFP176(4)
LBGA208(4)
PBGA
Known Good Die (KGD)
496-pin CSP(5)
LQFP100
LQFP144
LQFP176
LBGA208
496-pin CSP(5)
LQFP176(4)
LBGA208(4)
PBGAKnown Good
Die (KGD)
496-pin CSP(5)
1.
199 interrupt vectors are reserved.
2.
5 V single supply only for LQFP176.
3.
5 V single supply only for LQFP144 and LQFP100.
4.
Pinout compatible with STMicroelectronics’ SPC563M64 devices.
5.
For ST calibration tool only.
Table 2.
SPC564A80, SPC563M64 and SPC564A70 comparison (continued)
Feature
SPC564A80
SPC563M64
SPC564A70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com