Electronic Components Datasheet Search
  English  ▼

X  

6CWQ06FN Datasheet(PDF) 1 Page - International Rectifier

Part # 6CWQ06FN
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

6CWQ06FN Datasheet(HTML) 1 Page - International Rectifier

  6CWQ06FN Datasheet HTML 1Page - International Rectifier 6CWQ06FN Datasheet HTML 2Page - International Rectifier 6CWQ06FN Datasheet HTML 3Page - International Rectifier 6CWQ06FN Datasheet HTML 4Page - International Rectifier 6CWQ06FN Datasheet HTML 5Page - International Rectifier 6CWQ06FN Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SCHOTTKY RECTIFIER
7 Amp
6CWQ06FN
www.irf.com
1
Bulletin PD-20528 rev. E 03/03
Major Ratings and Characteristics
I
F(AV)
Rectangular
7
A
waveform
V
RRM
60
V
I
FSM
@ tp = 5 µs sine
490
A
V
F
@3 Apk, T
J
= 25°C
0.61
V
(per leg)
T
J
range
- 40 to 150
°C
Characteristics
6CWQ06FN
Units
Description/ Features
The 6CWQ06FN surface mount, center tap, Schottky rectifier
series has been designed for applications requiring low
forward drop and small foot prints on PC board. Typical
applications are in disk drives, switching power supplies,
converters, free-wheeling diodes, battery charging, and
reverse battery protection.
Popular D-PAK outline
Center tap configuration
Small foot print, surface mountable
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term reliability
6.73 (0.26)
6.35 (0.25)
5.46 (0.21)
5.21 (0.20)
4
1.27 (0.05)
0.88 (0.03)
5.97 (0.23)
1 - Anode
2 - Cathode
3 - Anode
4 - Cathode
1.64 (0.02)
1.52 (0.06)
1.15 (0.04)
1.14 (0.04)
0.76 (0.03)
2x
2.28 (0.09)
2x
0.89 (0.03)
0.64 (0.02)
3x
4.57 (0.18)
12
3
6.22 (0.24)
2.38 (0.09)
2.19 (0.08)
6.45 (0.24)
5.68 (0.22)
10.42 (0.41)
9.40 (0.37)
0.46 (0.02)
0.58 (0.02)
1.14 (0.04)
0.89 (0.03)
0.51 (0.02)
MIN.
0.58 (0.02)
0.46 (0.02)
MINIMUM RECOMMENDED FOOTPRINT
5.97 (0.24)
10.67 (0.42)
1.65 (0.06)
6.48 (0.26)
2x
2.54 (0.10)
2x
2.28 (0.09)
2x
Conform to JEDEC outline D-Pak (Similar to TO-252AA)
Dimensions in millimeters and (inches)
D-Pak (TO-252AA)
Anode
1
3
4
Anode
2
Base
Common
Cathode
Common
Cathode


Similar Part No. - 6CWQ06FN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6CWQ06FN VISHAY-6CWQ06FN Datasheet
110Kb / 6P
Schottky Rectifier, 2 x 3.5 A
13-Aug-08
6CWQ06FN VISHAY-6CWQ06FN Datasheet
149Kb / 7P
Schottky Rectifier, 2 x 3.5 A
03-Nov-10
logo
Sangdest Microelectroni...
6CWQ06FN SMC-6CWQ06FN Datasheet
164Kb / 5P
Reverse battery protection
logo
SMC Diode Solutions Co....
6CWQ06FN SMCDIODE-6CWQ06FN Datasheet
317Kb / 4P
6CWQ06FN SCHOTTKY RECTIFIER
Rev. A
logo
Inchange Semiconductor ...
6CWQ06FN ISC-6CWQ06FN Datasheet
276Kb / 2P
Schottky Rectifier
More results

Similar Description - 6CWQ06FN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com