Electronic Components Datasheet Search
  English  ▼

X  

TS8019 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # TS8019
Description  10/100 BASE-TX VOICE OVER IP MAGNETICS MODULES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

TS8019 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  TS8019 Datasheet HTML 1Page - Bothhand USA, LP. TS8019 Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10/100 BASE-TX VOICE OVER IP
MAGNETICS MODULES
P/N: TS8019 HF DATA SHEET
BOTHHAND USA
Page : 1/2
A01(12/10)
Feature
l
IEEE 802.3/ANSI X3.263 compliant performance.
l
350mA current capability.
l
Designed to for IP phone or switch applications.
l
Compact footprint.
l
Complying with RoHS & Halogen Free requirements.
l
Operation temperature range: 0℃ to +70℃.
l
Storage temperature range: -25℃ to +85℃.
Electrical Specifications @ 25°C
Cross talk (dB Min)
Part
Number
Turns Ratio
(±5%)
TX/RX
OCL (uH Min)
@ 100KHz/0.1V
with 8mA DC Bias
0.3-60MHz
60-100 MHz
HI-POT
(Vrms)
TS8019 HF
1CT:1CT
350
-45
-35
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min) @ 100Ω
DCMR
(dB Min)
Part
Number
0.3-100 MHz
1-30MHz
40MHz
50MHz
60-80MHz
30MHz
60MHz
100MHz
TS8019 HF
-1.2
-16
-14
-13
-12
-40
-35
-30
Schematic
www.bothhandusa.com


Similar Part No. - TS8019

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TS8019-HF BOTHHAND-TS8019-HF Datasheet
248Kb / 2P
IEEE 802.3/ANSI X3.263 compliant performance
TS8019LF BOTHHAND-TS8019LF Datasheet
78Kb / 2P
10/100 BASE-TX VOICE OVER IP MAGNETICS MODULES
TS8019MLF BOTHHAND-TS8019MLF Datasheet
67Kb / 1P
10/100 BASE-TX VOICE OVER IP MAGNETICS MODULES
More results

Similar Description - TS8019

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TS2019LF BOTHHAND-TS2019LF Datasheet
322Kb / 1P
10/100 BASE-TX VOICE OVER IP MAGNETICS MODULES
TS2019M BOTHHAND-TS2019M Datasheet
195Kb / 1P
10/100 BASE-TX VOICE OVER IP MAGNETICS MODULES
TS2019 BOTHHAND-TS2019 Datasheet
192Kb / 1P
10/100 BASE-TX VOICE OVER IP MAGNETICS MODULES
TS8019LF BOTHHAND-TS8019LF Datasheet
78Kb / 2P
10/100 BASE-TX VOICE OVER IP MAGNETICS MODULES
TS8019MLF BOTHHAND-TS8019MLF Datasheet
67Kb / 1P
10/100 BASE-TX VOICE OVER IP MAGNETICS MODULES
VP87 BOTHHAND-VP87 Datasheet
258Kb / 1P
10/100 BASE-TX VOICE OVER IP MAGNETICS
VP2006AM BOTHHAND-VP2006AM Datasheet
295Kb / 1P
10/100 BASE-TX VOICE OVER IP MAGNETICS
VP2006B BOTHHAND-VP2006B Datasheet
332Kb / 1P
10/100 BASE-TX VOICE OVER IP MAGNETICS
VP2008 BOTHHAND-VP2008 Datasheet
301Kb / 1P
10/100 BASE-TX VOICE OVER IP MAGNETICS
logo
Broadcom Corporation.
VP8019M BOARDCOM-VP8019M Datasheet
281Kb / 2P
10/100 BASE-TX VOICE OVER IP MAGNETICS MODULES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com