Electronic Components Datasheet Search
  English  ▼

X  

ST72104GX Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST72104GX
Description  8-bit data manipulation
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72104GX Datasheet(HTML) 1 Page - STMicroelectronics

  ST72104GX Datasheet HTML 1Page - STMicroelectronics ST72104GX Datasheet HTML 2Page - STMicroelectronics ST72104GX Datasheet HTML 3Page - STMicroelectronics ST72104GX Datasheet HTML 4Page - STMicroelectronics ST72104GX Datasheet HTML 5Page - STMicroelectronics ST72104GX Datasheet HTML 6Page - STMicroelectronics ST72104GX Datasheet HTML 7Page - STMicroelectronics ST72104GX Datasheet HTML 8Page - STMicroelectronics ST72104GX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 141 page
background image
March 2008
Rev. 3
1/141
ST72104Gx, ST72215Gx,
ST72216Gx, ST72254Gx
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY,
ADC, 16-BIT TIMERS, SPI, I2C INTERFACES
■ Memories
– 4K or 8K bytes Program memory (ROM and
single voltage FLASH) with read-out protec-
tion and in-situ programming (remote ISP)
– 256 bytes RAM
■ Clock, Reset and Supply Management
– Enhanced reset system
– Enhanced low voltage supply supervisor with
3 programmable levels
– Clock sources: crystal/ceramic resonator os-
cillators or RC oscillators, external clock,
backup Clock Security System
– Clock-out capability
– 3 Power Saving Modes: Halt, Wait and Slow
■ Interrupt Management
– 7 interrupt vectors plus TRAP and RESET
– 22 external interrupt lines (on 2 vectors)
■ 22 I/O Ports
– 22 multifunctional bidirectional I/O lines
– 14 alternate function lines
– 8 high sink outputs
■ 3 Timers
– Configurable watchdog timer
– Two 16-bit timers with: 2 input captures, 2 out-
put compares, external clock input on one tim-
er, PWM and Pulse generator modes
(one only on ST72104Gx and ST72216G1)
■ 2 Communications Interfaces
– SPI synchronous serial interface
– I2C multimaster interface
(only on ST72254Gx)
■ 1 Analog peripheral
– 8-bit ADC with 6 input channels
(except on ST72104Gx)
■ Instruction Set
– 8-bit data manipulation
– 63 basic instructions
– 17 main addressing modes
– 8 x 8 unsigned multiply instruction
– True bit manipulation
■ Development Tools
– Full hardware/software development package
Device Summary
SDIP32
SO28
Features
ST72104G1
ST72104G2
ST72216G1
ST72215G2
ST72254G1
ST72254G2
Program memory - bytes
4K
8K
4K
8K
4K
8K
RAM (stack) - bytes
256 (128)
Peripherals
Watchdog timer,
One 16-bit timer,
SPI
Watchdog timer,
One 16-bit timer,
SPI, ADC
Watchdog timer,
Two 16-bit timers,
SPI, ADC
Watchdog timer,
Two 16-bit timers,
SPI, I²C, ADC
Operating Supply
3.2V to 5.5V
CPU Frequency
Up to 8 MHz (with oscillator up to 16 MHz)
Operating Temperature
0°C to 70°C / -10°C to +85°C (-40°C to +85°C / -40°C to105°C / -40°C to 125°C optional)
Packages
SO28 / SDIP32
1


Similar Part No. - ST72104GX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72104GX-AUTO STMICROELECTRONICS-ST72104GX-AUTO Datasheet
3Mb / 135P
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
29-Oct-2007
More results

Similar Description - ST72104GX

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68008 MOTOROLA-MC68008 Datasheet
927Kb / 36P
16-Bit Microprocessor With 8-Bit Data Bus
logo
Fairchild Semiconductor
TMC2302A FAIRCHILD-TMC2302A Datasheet
188Kb / 36P
Image Manipulation Sequencer
logo
List of Unclassifed Man...
PTK8607 ETC-PTK8607 Datasheet
361Kb / 25P
8 Bit Micro-controller Data Sheet
ZN525 ETC1-ZN525 Datasheet
407Kb / 8P
8-BIT MULTIFUNCTION DATA CONVERTER
logo
Radiometrix Ltd
CTA88 RADIOMETRIX-CTA88 Datasheet
326Kb / 6P
8 bit Address - 8 bit Data encoder/decoder
logo
Freescale Semiconductor...
MC9S08AC128 FREESCALE-MC9S08AC128_09 Datasheet
1Mb / 40P
MC9S08AC128 8-Bit Microcontroller Data Sheet
logo
ATMEL Corporation
AT32UC3L0256 ATMEL-AT32UC3L0256_14 Datasheet
575Kb / 39P
Read-modify-write Instructions and Atomic Bit Manipulation
logo
STMicroelectronics
H3LIS100DL STMICROELECTRONICS-H3LIS100DL Datasheet
666Kb / 38P
8-bit data output
21-Apr-2015
logo
Micon Design Technology...
MDT13P02 MDTIC-MDT13P02_11 Datasheet
314Kb / 23P
8-bit data bus
logo
NXP Semiconductors
MC9S08SC4 NXP-MC9S08SC4 Datasheet
746Kb / 31P
MC9S08SC4 8-Bit Microcontroller Data Sheet
Rev. 4, 6/2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com