Electronic Components Datasheet Search
  English  ▼

X  

ST72321RX Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST72321RX
Description  SPI synchronous serial interface
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321RX Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST72321RX Datasheet HTML 34Page - STMicroelectronics ST72321RX Datasheet HTML 35Page - STMicroelectronics ST72321RX Datasheet HTML 36Page - STMicroelectronics ST72321RX Datasheet HTML 37Page - STMicroelectronics ST72321RX Datasheet HTML 38Page - STMicroelectronics ST72321RX Datasheet HTML 39Page - STMicroelectronics ST72321RX Datasheet HTML 40Page - STMicroelectronics ST72321RX Datasheet HTML 41Page - STMicroelectronics ST72321RX Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 193 page
background image
ST72321Rx ST72321ARx ST72321Jx
38/193
INTERRUPTS (Cont’d)
Figure 22. External Interrupt Control bits
IS10
IS11
EICR
SENSITIVITY
CONTROL
PBOR.3
PBDDR.3
IPB BIT
PB3
ei2 INTERRUPT SOURCE
PORT B [3:0] INTERRUPTS
PB3
PB2
PB1
PB0
IS10
IS11
EICR
SENSITIVITY
CONTROL
PBOR.7
PBDDR.7
PB7
ei3 INTERRUPT SOURCE
PORT B [7:4] INTERRUPTS
PB7
PB6
PB5
PB4
IS20
IS21
EICR
SENSITIVITY
CONTROL
PAOR.3
PADDR.3
IPA BIT
PA3
ei0 INTERRUPT SOURCE
PORT A [3:0] INTERRUPTS
PA3
PA2
PA1
PA0
IS20
IS21
EICR
SENSITIVITY
CONTROL
PFOR.2
PFDDR.2
PF2
ei1 INTERRUPT SOURCE
PORT F [2:0] INTERRUPTS
PF2
PF1
PF0