Electronic Components Datasheet Search
  English  ▼

X  

STM8L101x2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM8L101x2
Description  Auto-wakeup unit
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101x2 Datasheet(HTML) 1 Page - STMicroelectronics

  STM8L101x2 Datasheet HTML 1Page - STMicroelectronics STM8L101x2 Datasheet HTML 2Page - STMicroelectronics STM8L101x2 Datasheet HTML 3Page - STMicroelectronics STM8L101x2 Datasheet HTML 4Page - STMicroelectronics STM8L101x2 Datasheet HTML 5Page - STMicroelectronics STM8L101x2 Datasheet HTML 6Page - STMicroelectronics STM8L101x2 Datasheet HTML 7Page - STMicroelectronics STM8L101x2 Datasheet HTML 8Page - STMicroelectronics STM8L101x2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
This is information on a product in full production.
May 2017
DocID15275 Rev 16
1/88
STM8L101x1 STM8L101x2
STM8L101x3
8-bit ultra-low power microcontroller with up to 8 Kbytes Flash,
multifunction timers, comparators, USART, SPI, I2C
Datasheet
- production data
Features
• Main microcontroller features
– Supply voltage range 1.65 V to 3.6 V
– Low power consumption (Halt: 0.3 µA,
Active-halt: 0.8 µA, Dynamic Run:
150 µA/MHz)
– STM8 Core with up to 16 CISC MIPS
throughput
– Temp. range: -40 to 85 °C and 125 °C
• Memories
– Up to 8 Kbytes of Flash program including
up to 2 Kbytes of data EEPROM
– Error correction code (ECC)
– Flexible write and read protection modes
– In-application and in-circuit programming
– Data EEPROM capability
– 1.5 Kbytes of static RAM
• Clock management
– Internal 16 MHz RC with fast wakeup time
(typ. 4 µs)
– Internal low consumption 38 kHz RC
driving both the IWDG and the AWU
• Reset and supply management
– Ultra-low power POR/PDR
– Three low-power modes: Wait, Active-halt,
Halt
• Interrupt management
– Nested interrupt controller with software
priority control
– Up to 29 external interrupt sources
• I/Os
– Up to 30 I/Os, all mappable on external
interrupt vectors
– I/Os with programmable input pull-ups, high
sink/source capability and one LED driver
infrared output
• Peripherals
– Two 16-bit general purpose timers (TIM2
and TIM3) with up and down counter and 2
channels (used as IC, OC, PWM)
– One 8-bit timer (TIM4) with 7-bit prescaler
– Infrared remote control (IR)
– Independent watchdog
– Auto-wakeup unit
– Beeper timer with 1, 2 or 4 kHz frequencies
– SPI synchronous serial interface
– Fast I2C Multimaster/slave 400 kHz
– USART with fractional baud rate generator
– 2 comparators with 4 inputs each
• Development support
– Hardware single wire interface module
(SWIM) for fast on-chip programming and
non intrusive debugging
– In-circuit emulation (ICE)
• 96-bit unique ID
Table 1. Device summary
Reference
Part numbers
STM8L101x1
STM8L101F1
STM8L101x2
STM8L101F2, STM8L101G2
STM8L101x3
STM8L101F3, STM8L101G3,
STM8L101K3
UFQFPN20
UFQFPN32
TSSOP20
5 x 5 mm
LQFP32
7x7 mm
UFQFPN28
4 x 4 mm
3 x 3 mm
6.5 x 6.4 mm
www.st.com


Similar Part No. - STM8L101x2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L101XX STMICROELECTRONICS-STM8L101XX Datasheet
1Mb / 77P
8-bit ultralow power microcontroller with up to 8 Kbytes Flash, multifunction timers, comparators, USART, SPI, I2C
07-Sep-2009
More results

Similar Description - STM8L101x2

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.55 ELMOS-E910.55 Datasheet
183Kb / 2P
FlexRay??Transceiver With Wakeup
logo
ams AG
AS3930 AMSCO-AS3930 Datasheet
1,008Kb / 33P
Single Channel Low Frequency Wakeup Receiver
AS3932 AMSCO-AS3932 Datasheet
1Mb / 33P
3D Low Frequency Wakeup Receiver
AS3930 AMSCO-AS3930_07 Datasheet
491Kb / 32P
Single Channel Low Frequency Wakeup Receiver
AS3931 AMSCO-AS3931_07 Datasheet
1Mb / 31P
3D Low Power Wakeup Receiver
AS3932 AMSCO-AS3932_07 Datasheet
402Kb / 34P
3D Low Frequency Wakeup Receiver
logo
Toshiba Semiconductor
TC32169FTG TOSHIBA-TC32169FTG Datasheet
1Mb / 91P
5.8 GHz RF Transceiver for ETC including Modem/Wakeup
2017-09-19 Ver. 1
logo
Sciosense B.V.
AS3930 SCIOSENSE-AS3930 Datasheet
913Kb / 44P
Single Channel Low Frequency Wakeup Receiver
AS3932 SCIOSENSE-AS3932 Datasheet
907Kb / 50P
3D Low Frequency Wakeup Receiver
AS3933 SCIOSENSE-AS3933 Datasheet
391Kb / 7P
LF Wakeup Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com