Electronic Components Datasheet Search
  English  ▼

X  

10RIA80 Datasheet(PDF) 7 Page - International Rectifier

Part # 10RIA80
Description  MEDIUM POWER THYRISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10RIA80 Datasheet(HTML) 7 Page - International Rectifier

  10RIA80 Datasheet HTML 1Page - International Rectifier 10RIA80 Datasheet HTML 2Page - International Rectifier 10RIA80 Datasheet HTML 3Page - International Rectifier 10RIA80 Datasheet HTML 4Page - International Rectifier 10RIA80 Datasheet HTML 5Page - International Rectifier 10RIA80 Datasheet HTML 6Page - International Rectifier 10RIA80 Datasheet HTML 7Page - International Rectifier 10RIA80 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
10RIA Series
Bulletin I2405 rev. A 07/00
7
www.irf.com
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Thermal Impedance Z
thJC Characteristics
Fig. 9 - Gate Characteristics
0.1
1
10
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Steady State Value
R
= 1.85 K/W
(DC Operation)
thJC
10RIA Series
0.1
1
10
100
0.001
0.01
0.1
1
10
100
VGD
IGD
(b)
(a)
(1)
(2)
Instantaneous Gate Current (A)
a) Recommended load line for
b) Recommended load line for
Rectangular gate pulse
tr<=1 µs, tp >= 6 µs
rated di/dt : 10V, 20ohms
<=30% rated di/dt : 10V, 65ohms
(1) PGM = 16W, tp = 4ms
(2) PGM = 30W, tp = 2ms
(3) PGM = 60W, tp = 1ms
(4) PGM = 60W, tp = 1ms
tr <=0.5 µs, tp >= 6 µs
(3)
(4)
10RIA Series Frequency Limited by PG(AV)
1
10
10 0
10 00
0.5
1
1.5
2
2.5
3
3 .5
4
Instanta n eo us O n-sta te Vo lta ge (V)
10RIA Series
T
= 12 5 C
J
T
= 2 5 C
J



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com