Electronic Components Datasheet Search
  English  ▼

X  

74ACT11010 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74ACT11010
Description  TRIPLE 3-INPUT POSITIVE-NAND GATES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ACT11010 Datasheet(HTML) 1 Page - Texas Instruments

  74ACT11010 Datasheet HTML 1Page - Texas Instruments 74ACT11010 Datasheet HTML 2Page - Texas Instruments 74ACT11010 Datasheet HTML 3Page - Texas Instruments 74ACT11010 Datasheet HTML 4Page - Texas Instruments 74ACT11010 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
54ACT11010, 74ACT11010
TRIPLE 3-INPUT POSITIVE-NAND GATES
SCAS018A – D2957, JULY 1987 – REVISED APRIL 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Copyright
© 1993, Texas Instruments Incorporated
2–1
• Inputs Are TTL-Voltage Compatible
• Flow-Through Architecture to Optimize
PCB Layout
• Center-Pin V
CC and GND Configurations
Minimize High-Speed Switching Noise
• EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
• 500-mA Typical Latch-Up Immunity
at 125
°C
• Package Options Include Plastic
Small-Outline Packages, Ceramic Chip
Carriers, and Standard Plastic and Ceramic
300-mil DIPs
description
These devices contain three independent 3-input
NAND gates. They perform the Boolean functions
Y = A
SBSC or Y = A + B + C in positive logic.
The 54ACT11010 is characterized for operation
over the full military temperature range of – 55
°C
to 125
°C. The 74ACT11010 is characterized for
operation from – 40
°C to 85°C.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
C
Y
H
H
H
L
L
XX
H
X
LX
H
X
X
L
H
logic symbol†
7
8
9
10
11
14
15
16
1
3C
3B
3A
2C
2B
2A
1C
1B
1A
3Y
2Y
1Y
6
3
2
&
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
Pin numbers shown are for the D, J, and N packages.
54ACT11010 . . . J PACKAGE
74ACT11010 ...D OR N PACKAGE
logic diagram (positive logic)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1Y
2Y
GND
GND
3Y
3C
3B
1B
1C
2A
VCC
VCC
2B
2C
3A
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
2C
3A
NC
3B
3C
1C
1B
NC
1A
1Y
54ACT11010 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
1Y
1A
1B
2Y
1C
2A
2B
2C
3Y
3A
3B
3C
2
3
6
1
16
15
14
11
10
9
8
7
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC is a trademark of Texas Instruments Incorporated.


Similar Part No. - 74ACT11010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11010 TI1-74ACT11010 Datasheet
80Kb / 5P
TRIPLE 3-INPUT POSITIVE-NAND GATES
74ACT11010D TI1-74ACT11010D Datasheet
80Kb / 5P
TRIPLE 3-INPUT POSITIVE-NAND GATES
74ACT11010DR TI1-74ACT11010DR Datasheet
80Kb / 5P
TRIPLE 3-INPUT POSITIVE-NAND GATES
74ACT11010N TI1-74ACT11010N Datasheet
80Kb / 5P
TRIPLE 3-INPUT POSITIVE-NAND GATES
More results

Similar Description - 74ACT11010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC10 TI-SN54HC10 Datasheet
76Kb / 5P
TRIPLE 3-INPUT POSITIVE-NAND GATES
SN54HC10 TI-SN54HC10_07 Datasheet
664Kb / 17P
TRIPLE 3-INPUT POSITIVE-NAND GATES
SN54ALS10A TI-SN54ALS10A_08 Datasheet
665Kb / 16P
TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Renesas Technology Corp
HD74LV10A RENESAS-HD74LV10A Datasheet
68Kb / 8P
Triple 3-input Positive NAND Gates
HD74LS10 RENESAS-HD74LS10 Datasheet
65Kb / 6P
Triple 3-Input Positive NAND Gates
logo
Potato Semiconductor Co...
PO74G10A POTATO-PO74G10A_14 Datasheet
1Mb / 5P
TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Texas Instruments
54ACT11010 TI1-54ACT11010_09 Datasheet
80Kb / 5P
TRIPLE 3-INPUT POSITIVE-NAND GATES
CD74ACT10 TI1-CD74ACT10_14 Datasheet
806Kb / 12P
TRIPLE 3-INPUT POSITIVE-NAND GATES
SN54AC10 TI1-SN54AC10_15 Datasheet
1Mb / 20P
TRIPLE 3-INPUT POSITIVE-NAND GATES
SN54ACT10 TI1-SN54ACT10_15 Datasheet
1Mb / 19P
TRIPLE 3-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com