Electronic Components Datasheet Search
  English  ▼

X  

STM8L151C3 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM8L151C3
Description  Reset and supply management
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C3 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM8L151C3 Datasheet HTML 6Page - STMicroelectronics STM8L151C3 Datasheet HTML 7Page - STMicroelectronics STM8L151C3 Datasheet HTML 8Page - STMicroelectronics STM8L151C3 Datasheet HTML 9Page - STMicroelectronics STM8L151C3 Datasheet HTML 10Page - STMicroelectronics STM8L151C3 Datasheet HTML 11Page - STMicroelectronics STM8L151C3 Datasheet HTML 12Page - STMicroelectronics STM8L151C3 Datasheet HTML 13Page - STMicroelectronics STM8L151C3 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 122 page
background image
Introduction
STM8L151x2, STM8L151x3
10/122
DocID018780 Rev 9
STM8L ultra-low-power microcontrollers can operate either from 1.8 to 3.6 V (down to
1.65 V at power-down) or from 1.65 to 3.6 V. They are available in the -40 to +85 °C and -40
to +125 °C temperature ranges.
These features make the STM8L ultra-low-power microcontroller families suitable for a wide
range of applications:
•
Medical and hand-held equipment
•
Application control and user interface
•
PC peripherals, gaming, GPS and sport equipment
•
Alarm systems, wired and wireless sensors
•
Metering
The devices are offered in five different packages from 20 to 48 pins. Different sets of
peripherals are included depending on the device. Refer to Section 3 for an overview of the
complete range of peripherals proposed in this family.
All STM8L ultra-low-power products are based on the same architecture with the same
memory mapping and a coherent pinout.
Figure 1 shows the block diagram of the STM8L low-density family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com