Electronic Components Datasheet Search
  English  ▼

X  

ST72561R7-Auto Datasheet(PDF) 239 Page - STMicroelectronics

Part # ST72561R7-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R7-Auto Datasheet(HTML) 239 Page - STMicroelectronics

Back Button ST72561R7-Auto Datasheet HTML 235Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 236Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 237Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 238Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 239Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 240Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 241Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 242Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 243Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 324 page
background image
ST72561-Auto
beCAN controller (beCAN)
Doc ID 12370 Rev 8
239/324
This bit controls the transmission order when several mailboxes are pending at the same
time.
●
0: priority driven by the identifier of the message
●
1: priority driven by the request order (chronologically)
Bit 1 = SLEEP Sleep Mode Request
Read/set/clear
This bit is set by software to request the CAN hardware to enter the sleep mode. Sleep
mode will be entered as soon as the current CAN activity (transmission or reception of a
CAN frame) has been completed.
This bit is cleared by software to exit sleep mode.
This bit is cleared by hardware when the AWUM bit is set and a SOF bit is detected on the
CAN Rx signal.
Bit 0 = INRQ Initialization Request
Read/set/clear
The software clears this bit to switch the hardware into normal mode. Once 11 consecutive
recessive bits have been monitored on the Rx signal the CAN hardware is synchronized and
ready for transmission and reception. Hardware signals this event by clearing the INAK bit if
the CMSR register.
Software sets this bit to request the CAN hardware to enter initialization mode. Once
software has set the INRQ bit, the CAN hardware waits until the current CAN activity
(transmission or reception) is completed before entering the initialization mode. Hardware
signals this event by setting the INAK bit in the CMSR register.
CAN master status register (CMSR)
Reset value: 0000 0010 (02h)
Note:
To clear a bit of this register the software must write this bit with a one.
Bits 7:4 = reserved. Forced to 0 by hardware.
Bit 5 = REC Receive
Read
The CAN hardware is currently receiver.
Bit 4 = TRAN Transmit
Read
The CAN hardware is currently transmitter.
Bit 3 = WKUI Wake-Up Interrupt
Read/clear
This bit is set by hardware to signal that a SOF bit has been detected while the CAN
hardware was in sleep mode. Setting this bit generates a status change interrupt if the
WKUIE bit in the CIER register is set.
This bit is cleared by software.
Bit 2 = ERRI Error Interrupt
Read/clear
This bit is set by hardware when a bit of the CESR has been set on error detection and the
7
0
0
0
REC
TRAN
WKUI
ERRI
SLAK
INAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com