Electronic Components Datasheet Search
  English  ▼

X  

ST72561R7-Auto Datasheet(PDF) 243 Page - STMicroelectronics

Part # ST72561R7-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R7-Auto Datasheet(HTML) 243 Page - STMicroelectronics

Back Button ST72561R7-Auto Datasheet HTML 239Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 240Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 241Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 242Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 243Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 244Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 245Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 246Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 247Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 324 page
background image
ST72561-Auto
beCAN controller (beCAN)
Doc ID 12370 Rev 8
243/324
Bit 7 = WKUIE Wake-Up Interrupt Enable
0: no interrupt when WKUI is set.
1: interrupt generated when WKUI bit is set.
Bits 6:4 = reserved. Forced to 0 by hardware.
Bit 3 = FOVIE FIFO Overrun Interrupt Enable\
0: no interrupt when FOVR bit is set.
1: interrupt generated when FOVR bit is set.
Bit 2 = FFIE FIFO Full Interrupt Enable
0: no interrupt when FULL bit is set.
1: interrupt generated when FULL bit is set.
Bit 1 = FMPIE FIFO Message Pending Interrupt Enable
0: no interrupt on FMP[1:0] bits transition from 00b to 01b.
1: interrupt generated on FMP[1:0] bits transition from 00b to 01b.
Bit 0 = TMEIE Transmit Mailbox Empty Interrupt Enable
0: no interrupt when RQCPx bit is set.
1: interrupt generated when RQCPx bit is set.
CAN error status register (CESR)
Read/ write
Reset value: 0000 0000 (00h)
Bit 7 = reserved. Forced to 0 by hardware.
Bits 6:4 = LEC[2:0] Last Error Code
Read/ set/ clear
This field holds a code which indicates the type of the last error detected on the CAN bus. If
a message has been transferred (reception or transmission) without error, this field will be
cleared to ‘0’. The code 7 is unused and may be written by the CPU to check for update
7
0
0
LEC2
LEC1
LEC0
0
BOFF
EPVF
EWGF
Table 85.
LEC error types
Code
Error type
0No Error
1
Stuff Error
2
Form Error
3
Acknowledgment Error
4
Bit recessive Error
5
Bit dominant Error
6
CRC Error
7
Set by software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com