Electronic Components Datasheet Search
  English  ▼

X  

ST72561R7-Auto Datasheet(PDF) 245 Page - STMicroelectronics

Part # ST72561R7-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R7-Auto Datasheet(HTML) 245 Page - STMicroelectronics

Back Button ST72561R7-Auto Datasheet HTML 241Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 242Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 243Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 244Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 245Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 246Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 247Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 248Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 249Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 324 page
background image
ST72561-Auto
beCAN controller (beCAN)
Doc ID 12370 Rev 8
245/324
Transmit Error Counter Register (TECR)
Read only
Reset value: 0000 0000 (00h)
TEC[7:0] is the least significant byte of the 9-bit transmit error counter implementing part of
the fault confinement mechanism of the CAN protocol.
Receive Error Counter Register (RECR)
Page: 00h — read only
Reset value: 0000 0000 (00h)
REC[7:0] is the receive error counter implementing part of the fault confinement mechanism
of the CAN protocol. In case of an error during reception, this counter is incremented by 1 or
by 8 depending on the error condition as defined by the CAN standard. After every
successful reception the counter is decremented by 1 or reset to 120 if its value was higher
than 128. When the counter value exceeds 127, the CAN controller enters the error passive
state.
CAN diagnosis register (CDGR)
Read/ write
Reset value: 0000 1100 (0Ch)
Note:
All bits of this register are set and cleared by software.
Bit 3 = RX CAN Rx Signal
Read
Monitors the actual value of the CAN_RX Pin.
Bit 2 = SAMP Last Sample Point
Read
The value of the last sample point.
Bit 1 = SILM Silent Mode
Read/Set/Clear
0: normal operation
1: silent mode
7
0
TEC7
TEC6
TEC5
TEC4
TEC3
TEC2
TEC1
TEC0
7
0
REC7
REC6
REC5
REC4
REC3
REC2
REC1
REC0
7
0
00
00
RX
SAMP
SILM
LBKM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com