Electronic Components Datasheet Search
  English  ▼

X  

STM8L151X6 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STM8L151X6
Description  Operating conditions
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151X6 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM8L151X6 Datasheet HTML 24Page - STMicroelectronics STM8L151X6 Datasheet HTML 25Page - STMicroelectronics STM8L151X6 Datasheet HTML 26Page - STMicroelectronics STM8L151X6 Datasheet HTML 27Page - STMicroelectronics STM8L151X6 Datasheet HTML 28Page - STMicroelectronics STM8L151X6 Datasheet HTML 29Page - STMicroelectronics STM8L151X6 Datasheet HTML 30Page - STMicroelectronics STM8L151X6 Datasheet HTML 31Page - STMicroelectronics STM8L151X6 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 146 page
background image
Pin description
STM8L151x6/8 STM8L152x6/8
28/146
DocID17943 Rev 10
Figure 9. STM8L152K8 32-ball ballout
Warning:
For the 32-pin STM8L152K8 devices, some active I/O pins are
not bonded out of the package. Effectively, all ports available
on 48-pin devices must be considered as active ports also for
32-pin devices - see Table 5: High-density and medium+
density STM8L15x pin description for more details. To avoid
spurious effects, users have to configure active ports as
input pull-up. A small increase in consumption (typ. <
300 µA) may occur during the power up and reset phase until
these ports are properly configured.