Electronic Components Datasheet Search
  English  ▼

X  

STM8S105C4 Datasheet(PDF) 117 Page - STMicroelectronics

Part # STM8S105C4
Description  Extended instruction set
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4 Datasheet(HTML) 117 Page - STMicroelectronics

Back Button STM8S105C4 Datasheet HTML 113Page - STMicroelectronics STM8S105C4 Datasheet HTML 114Page - STMicroelectronics STM8S105C4 Datasheet HTML 115Page - STMicroelectronics STM8S105C4 Datasheet HTML 116Page - STMicroelectronics STM8S105C4 Datasheet HTML 117Page - STMicroelectronics STM8S105C4 Datasheet HTML 118Page - STMicroelectronics STM8S105C4 Datasheet HTML 119Page - STMicroelectronics STM8S105C4 Datasheet HTML 120Page - STMicroelectronics STM8S105C4 Datasheet HTML 121Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 117 / 121 page
background image
DocID14771 Rev 15
117/121
STM8S105x4/6
Revision history
120
12-May-2009
7
Added SDIP32 silhouette and package to Features and
Section: SDIP32 package mechanical data
; updated
Section: Pinout and pin description
.
Updated VDD range (2.95 V to 5.5 V) on Features.
Amended name of package VQFPN32.
Added Table 5 on page 22.
Updated Section: Auto wakeup counter.
Updated pins 25, 30, and 31 in Section: Pinout and pin
description
.
Removed Table 7: Pin-to-pin comparison of pin 7 to 12
in 32-pin access line devices.
Added Table: Description of alternate function
remapping bits [7:0] of OPT2.
Section: Electrical characteristics:
Updated VCAP
specifications; updated Table 15, Table 18, Table 20,
Table 21, Table 22, Table 23, Table 24, Table 25, Table
26, Table 27, Table 29, Table 35, and Table 42; added
current consumption curves; removed Figure 20: typical
HSE frequency vs fcpu @ 4 temperatures; updated
Figure 13, Figure 14, Figure 15, Figure 16 and Figure
17; modified HSI accuracy in Table 33 ; added Figure
44; modified fSCK, tV(SO) and tV(MO) in Table 42; updated
figures and tables of High speed internal RC oscillator
(HSI); replaced Figure 23, Figure 24, Figure 26, and
Figure 39.
Section Package information:
updated Section: Thermal
characteristics
and removed Table 57: Junction
temperature range. Updated Section: STM8S105xx
access line ordering information scheme.
10-Jun-2009
8
Document status changed from “preliminary data” to
“datasheet”.
Standardized the name of the VFQFPN package.
Removed ‘wpu’ from I2C pins Section: Pinout and pin
description
Table 57. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com