Electronic Components Datasheet Search
  English  ▼

X  

STM32F100xD Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32F100xD
Description  Clock, reset and supply management
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100xD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32F100xD Datasheet HTML 6Page - STMicroelectronics STM32F100xD Datasheet HTML 7Page - STMicroelectronics STM32F100xD Datasheet HTML 8Page - STMicroelectronics STM32F100xD Datasheet HTML 9Page - STMicroelectronics STM32F100xD Datasheet HTML 10Page - STMicroelectronics STM32F100xD Datasheet HTML 11Page - STMicroelectronics STM32F100xD Datasheet HTML 12Page - STMicroelectronics STM32F100xD Datasheet HTML 13Page - STMicroelectronics STM32F100xD Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 106 page
background image
Description
STM32F100xC, STM32F100xD, STM32F100xE
10/106
DocID15081 Rev 10
2
Description
The STM32F100xx value line family incorporates the high-performance ARM® Cortex®-M3
32-bit RISC core operating at a 24 MHz frequency, high-speed embedded memories (Flash
memory up to 512 Kbytes and SRAM up to 32 Kbytes), a flexible static memory control
(FSMC) interface (for devices offered in packages of 100 pins and more) and an extensive
range of enhanced peripherals and I/Os connected to two APB buses. All devices offer
standard communication interfaces (up to two I2Cs, three SPIs, one HDMI CEC, up to three
USARTs and 2 UARTS), one 12-bit ADC, two 12-bit DACs, up to 9 general-purpose 16-bit
timers and an advanced-control PWM timer.
The STM32F100xx high-density value line family operates in the –40 to +85 °C and –40 to
+105 °C temperature ranges, from a 2.0 to 3.6 V power supply. A comprehensive set of
power-saving mode allows the design of low-power applications.
The STM32F100xx value line family includes devices in three different packages ranging
from 64 pins to 144 pins. Depending on the device chosen, different sets of peripherals are
included, the description below gives an overview of the complete range of peripherals
proposed in this family.
These features make the STM32F100xx value line microcontroller family suitable for a wide
range of applications such as motor drives, application control, medical and handheld
equipment, PC and gaming peripherals, GPS platforms, industrial applications, PLCs,
inverters, printers, scanners, alarm systems, video intercoms, and HVACs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com