Electronic Components Datasheet Search
  English  ▼

X  

STM32F410R8 Datasheet(PDF) 72 Page - STMicroelectronics

Part # STM32F410R8
Description  Clock, reset and supply management
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F410R8 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STM32F410R8 Datasheet HTML 68Page - STMicroelectronics STM32F410R8 Datasheet HTML 69Page - STMicroelectronics STM32F410R8 Datasheet HTML 70Page - STMicroelectronics STM32F410R8 Datasheet HTML 71Page - STMicroelectronics STM32F410R8 Datasheet HTML 72Page - STMicroelectronics STM32F410R8 Datasheet HTML 73Page - STMicroelectronics STM32F410R8 Datasheet HTML 74Page - STMicroelectronics STM32F410R8 Datasheet HTML 75Page - STMicroelectronics STM32F410R8 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 142 page
background image
Electrical characteristics
STM32F410x8/B
72/142
DocID028094 Rev 5
Figure 16. Typical VBAT current consumption (LSE and RTC ON/LSE oscillator
in “low power” mode selection
Figure 17. Typical VBAT current consumption (LSE and RTC ON/LSE oscillator
in “high-drive” mode selection)
I/O system current consumption
The current consumption of the I/O system has two components: static and
dynamic.
I/O static current consumption
All the I/Os used as inputs with pull-up generate current consumption when the pin is
externally held low. The value of this current consumption can be simply computed by using
the pull-up/pull-down resistors values given in Table 55: I/O static characteristics.
For the output pins, any external pull-down or external load must also be considered to
estimate the current consumption.
Additional I/O current consumption is due to I/Os configured as inputs if an intermediate
voltage level is externally applied. This current consumption is caused by the input Schmitt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com