Electronic Components Datasheet Search
  English  ▼

X  

STM32F732XX Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM32F732XX
Description  Dual mode Quad-SPI
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F732XX Datasheet(HTML) 2 Page - STMicroelectronics

  STM32F732XX Datasheet HTML 1Page - STMicroelectronics STM32F732XX Datasheet HTML 2Page - STMicroelectronics STM32F732XX Datasheet HTML 3Page - STMicroelectronics STM32F732XX Datasheet HTML 4Page - STMicroelectronics STM32F732XX Datasheet HTML 5Page - STMicroelectronics STM32F732XX Datasheet HTML 6Page - STMicroelectronics STM32F732XX Datasheet HTML 7Page - STMicroelectronics STM32F732XX Datasheet HTML 8Page - STMicroelectronics STM32F732XX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 122 page
background image
STM32F732xx STM32F733xx
2/122
DocID028480 Rev 1
– 1 x CAN (2.0B active)
– 2 x SDMMCs
• Advanced connectivity
– USB 2.0 full-speed device/host/OTG
controller with on-chip PHY
– USB 2.0 high-speed/full-speed
device/host/OTG controller with dedicated
DMA, on-chip full-speed PHY and on-chip
Hi-speed PHY or ULPI depending on the
product
• AES: 128/256-bit key encryption hardware
accelerator
• True random number generator
• CRC calculation unit
• RTC: subsecond accuracy, hardware calendar
• 96-bit unique ID
Table 1. Device summary
Reference
Part number
STM32F732xx
STM32F732IE, STM32F732ZE, STM32F732VE, STM32F732RE
STM32F733xx
STM32F733IE, STM32F733ZE, STM32F733VE