Electronic Components Datasheet Search
  English  ▼

X  

7908 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 7908
Description  7908 THREE-TERMINAL NEGATIVE VOLTAGE REGULATOR IC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

7908 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  7908 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7908•
THREE-TERMINAL NEGATIVE VOLTAGE REGULATOR IC
FEATURES:
- OUTPUT CURRENT IN EXCESS OF 1A;
- NO EXTERNAL COMPONENTS REQUIRED;
- INTERNAL SHORT CIRCUIT CURRENT LIMITING;
- INTERNAL THERMAL OVERLOAD PROTECTION;
- OUTPUT TRANSISTOR SAFE-AREA COMPENSATION;
- OUTPUT VOLTAGE OFFERED IN 4% TOLERANCE.
ABSOLUTE MAXIMUM RATINGS (Ta= 25
° C)
Characteristic
Symbol
Norm
Unit
Input Voltage
Vin
V
-35
Maximum Dissipated
Power(with heat sink)
Ptot(max) W
15
Maximum Dissipated
Power(without heat sink)
Ptot(max) W
1.5
Thermal Resistance
Junction to Case
OjC
°C/W
5.0
Thermal Resistance,
Junction to Air
OjA
°C/W
65
Junction Temperature
Tj
°C
150
TO-220
1
1. GND
2. Input
3. Output
Tc=-45
÷+70°C
ELECTRICAL CHARACTERISTICS
(Vin=-14V,Io=0.5A,Ci=2.2mkF,Co=1.0mkF,Tj=0+125°C, unless otherwise noted.)
Characteristic
Symbo
l
Norm
Unit
Min
TYP Max
Output Voltage(Tj=25°C)
Vo
-7.7
-8.3
V
Output Voltage (5.0mA
≤Io≤1.0A,Po≤15W)
-10,5V
≥Vin≥-23V
Vo
-7.6
-8.4
V
Line Regulation(Tj=+25°C, Io=0,1A)
-10,5 V
≥Vin≥-25 V
-11V
≥Vin≥-17 V
(Tj=+25°C, Io=0,5A)
-10,5 V
≥Vin≥-25 V
-11V
≥Vin≥-17 V
∆Vv
80
40
160
80
mV
Load Regulation(Tj=+25°C)
5.0mA
≤Io≤1.5A
0.25A
≤Io≤0.75A
∆Vi
160
80
mV
Quiescent Current(Tj=+25°C)
Ib
8.0
mA
Quiescent Current Change -10.5 V
≥Vin≥-25 V
5.0mA
≤Io≤1.5 A
∆Ib
1.0
0.5
mA
Dropout Voltage (Io=1.0A,Tj=+25°C)
Vi-Vo
2.0
V
Average Temperature Coefficient of Output
Voltage
TCVo
0,5
mV/°C


Similar Part No. - 7908

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7908 ETC1-7908 Datasheet
253Kb / 2P
LINEAR INTEGRATED CIRCUITS 3-TERMINAL VOLATGE REGULATORS
logo
Silicon Supplies
7908 SS-7908 Datasheet
357Kb / 4P
Linear Voltage Regulator
logo
Inchange Semiconductor ...
7908 ISC-7908 Datasheet
268Kb / 2P
isc Three Terminal Negative Voltage Regulator
logo
Silicon Supplies
7908 SS-7908 Datasheet
352Kb / 4P
Linear Voltage Regulator
Rev 1.0 19/04/19
logo
Lapp.
79086200 LAPP-79086200 Datasheet
140Kb / 2P
EPIC® H-B 16 SGRLH
17.09.2018
More results

Similar Description - 7908

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7924 ETC-7924 Datasheet
112Kb / 1P
THREE-TERMINAL NEGATIVE VOLTAGE REGULATOR IC
logo
Jiangsu Changjiang Elec...
CJ79L05-SOT-23-3L JIANGSU-CJ79L05-SOT-23-3L Datasheet
135Kb / 2P
Three-terminal negative voltage regulator
CJ79L09-SOT-23-3L JIANGSU-CJ79L09-SOT-23-3L Datasheet
135Kb / 2P
Three-terminal negative voltage regulator
logo
Guangdong Kexin Industr...
LM79L15 KEXIN-LM79L15 Datasheet
64Kb / 1P
Three-terminal Negative Voltage Regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78L08 WINNERJOIN-WEJ78L08_15 Datasheet
143Kb / 1P
Three-terminal negative voltage regulator
WEJ79L09 WINNERJOIN-WEJ79L09 Datasheet
128Kb / 1P
Three-terminal negative voltage regulator
logo
Guangdong Kexin Industr...
KA090Q05 KEXIN-KA090Q05 Datasheet
175Kb / 1P
Three-Terminal Negative Voltage Regulator
KA190O08 KEXIN-KA190O08 Datasheet
142Kb / 1P
Three-Terminal Negative Voltage Regulator
logo
SHIKUES Electronics
79L05 SKTECHNOLGY-79L05 Datasheet
3Mb / 4P
Three-terminal negative voltage regulator
logo
Shenzhen Luguang Electr...
79L05 LUGUANG-79L05 Datasheet
1Mb / 3P
Three-terminal negative voltage regulator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com