Electronic Components Datasheet Search
  English  ▼

X  

79L06ACF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 79L06ACF
Description  Three-Terminal Low Current Negative Voltage Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

79L06ACF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  79L06ACF Datasheet HTML 1Page - List of Unclassifed Manufacturers 79L06ACF Datasheet HTML 2Page - List of Unclassifed Manufacturers 79L06ACF Datasheet HTML 3Page - List of Unclassifed Manufacturers 79L06ACF Datasheet HTML 4Page - List of Unclassifed Manufacturers 79L06ACF Datasheet HTML 5Page - List of Unclassifed Manufacturers 79L06ACF Datasheet HTML 6Page - List of Unclassifed Manufacturers 79L06ACF Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PLANETA JSC, 2/13 Fedorovsky Ruchei, Veliky Novgorod, 173004, Russia
Ph./Fax: +7–816–2231736
E-mail: planeta@novgorod.net
© August 2001 Rev 1
http://www.novgorod.net/~planeta
PLANETA
The Linear IC's
Three-Terminal Low Current
Negative Voltage Regulators
DESCRIPTION
The 79L00A Series of three terminal negative voltage regulators is
available with several fixed output voltages making them useful in a wide
range of applications. These regulators are inexpensive, vise-to-use devices
suitable for a multitude of applications that require a regulated supply of up
to 100 mA. These regulators feature internal current limiting and thermal
shutdown making them remarkably rugged. No external components are
required with the 79L00A devices in many applications.
These devices offer a substantial performance advantage over the
traditional zener diode-resistor combination, as output impedance and
quiescent current are substantionally reduced.
The voltages available allow the 79L00A to be used in logic systems,
instrumentation, HiFi, and other solid state electronic equipment.
The 79L00A is available in 3-Pin plastic package SOT54 (Z), 3-Pin mini
power plastic package SOT89 (F) and the 8-Pin plastic package SO8 (D)
offers superior quality and performance at low cost.
FEATURES
Ø
High Output Current
I
O= 100 mA
Ø
Fixed Output Voltage
V
O= -5 V, -6 V, -8 V, -12 V, -15 V
Ø
Complementary Positive Regulators 78L00A Series
Ø
Available in either ±5% (AC) Selection
DEVICE TYPE / NOMINAL VOLTAGE
Package
5% Output Voltage
Accuracy
Voltage
Z Suffix
F Suffix
D Suffix
79L05AC
-5
79L05ACZ
79L05ACF
79L05ACD
79L06AC
-6
79L06ACZ
79L06ACF
79L06ACD
79L08AC
-8
79L08ACZ
79L08ACF
79L08ACD
79L09AC
-9
79L09ACZ
79L09ACF
79L09ACD
79L12AC
-12
79L12ACZ
79L12ACF
79L12ACD
79L15AC
-15
79L15ACZ
79L15ACF
79L15ACD
79L00A Series
SOT54
JEDEC
TO-92
EIAJ
SC-43
GOST
KT-26
Weight:
0.3g
1 – Common
2 – Input
3 – Output
3
2
1
SOT89
JEDEC
TO-243
EIAJ
SC-62
GOST
KT-47
Weight:
0.055g
1
2
3
1 – Common
2 – Input
3 – Output
2
SOT96-1
JEDEC
MS-012
EIAJ
–
GOST
4303.8-1
Weight:
0.08 ã
1
4
5
1 – Output, 2 – Input,
3 – Input, 4 – No Connect,
5 – Common, 6 – Input,
7 – Input, 8 – No Connect


Similar Part No. - 79L06ACF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
79L06ACF ETC1-79L06ACF Datasheet
85Kb / 7P
Three-Terminal Low Current Negative Voltage Regulators
79L06ACF-T1 ETC1-79L06ACF-T1 Datasheet
85Kb / 7P
Three-Terminal Low Current Negative Voltage Regulators
More results

Similar Description - 79L06ACF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC79L00 MOTOROLA-MC79L00 Datasheet
135Kb / 6P
THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS
logo
KEC(Korea Electronics)
KIA79L05F KEC-KIA79L05F Datasheet
285Kb / 14P
THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Motorola, Inc
MC7900 MOTOROLA-MC7900 Datasheet
186Kb / 12P
THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL79 INTEGRAL-IL79 Datasheet
136Kb / 5P
THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
PL79L05XA3 CYSTEKEC-PL79L05XA3 Datasheet
157Kb / 3P
Three Terminal Low Current Negative Voltage Regulators
PL79L12XA3 CYSTEKEC-PL79L12XA3 Datasheet
157Kb / 3P
Three Terminal Low Current Negative Voltage Regulators
logo
List of Unclassifed Man...
79LXXA ETC1-79LXXA Datasheet
85Kb / 7P
Three-Terminal Low Current Negative Voltage Regulators
logo
Micro Commercial Compon...
MC7905CT MCC-MC7905CT_11 Datasheet
264Kb / 6P
Three-Terminal Negative Voltage Regulators
logo
Cystech Electonics Corp...
LM79L05A3 CYSTEKEC-LM79L05A3 Datasheet
231Kb / 4P
Three Terminal Low Current Negative Voltage Regulators
LM79L12A3 CYSTEKEC-LM79L12A3 Datasheet
231Kb / 4P
Three Terminal Low Current Negative Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com