Electronic Components Datasheet Search
  English  ▼

X  

AD1833A Datasheet(PDF) 2 Page - Analog Devices

Part # AD1833A
Description  24-Bit, 192 kHz, DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1833A Datasheet(HTML) 2 Page - Analog Devices

  AD1833A Datasheet HTML 1Page - Analog Devices AD1833A Datasheet HTML 2Page - Analog Devices AD1833A Datasheet HTML 3Page - Analog Devices AD1833A Datasheet HTML 4Page - Analog Devices AD1833A Datasheet HTML 5Page - Analog Devices AD1833A Datasheet HTML 6Page - Analog Devices AD1833A Datasheet HTML 7Page - Analog Devices AD1833A Datasheet HTML 8Page - Analog Devices AD1833A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. 0
–2–
AD1833A–SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Test Conditions
ANALOG PERFORMANCE
DIGITAL-TO-ANALOG CONVERTERS
Dynamic Range (20 Hz to 20 kHz, –60 dBFS Input)
with A-Weighted Filter
AD1833AA
106.5
110.0
dB
AD1833AA
110.5
dB
fS = 96 kHz
AD1833AC
107.0
dB
Total Harmonic Distortion + Noise
–95
–89
dB
Two channels active
–94
dB
Six channels active
–95
dB
96 kHz, two channels active
–94
dB
96 kHz, six channels active
SNR
110
dB
Interchannel Isolation
108
dB
DC Accuracy
Gain Error
±3%
Interchannel Gain Mismatch
0.2
%
Gain Drift
80
ppm/
∞C
Interchannel Crosstalk (EIAJ Method)
–120
dB
Interchannel Phase Deviation
±0.1
Degrees
Volume Control Step Size (1023 Linear Steps)
0.098
%
Volume Control Range (Max Attenuation)
+63.5 (0.098)
dB (%)
Mute Attenuation
–63.5 (0.098)
dB (%)
De-emphasis Gain Error
±0.1
dB
Full-Scale Output Voltage at Each Pin (Single-Ended)
1 (2.8)
V rms (V p-p)
Output Resistance Measured Differentially
150
W
Common-Mode Output Volts
2.2
V
DAC INTERPOLATION FILTER—8
Mode (48 kHz)
Pass Band
21.768
kHz
Pass-Band Ripple
±0.01
dB
Stop Band
24
kHz
Stop-Band Attenuation
70
dB
Group Delay
510
ms
DAC INTERPOLATION FILTER—4
Mode (96 kHz)
Pass Band
37.7
kHz
Pass-Band Ripple
±0.03
dB
Stop Band
55.034
kHz
Stop-Band Attenuation
70
dB
Group Delay
160
ms
DAC INTERPOLATION FILTER—2
Mode (192 kHz)
Pass Band
89.954
kHz
Pass-Band Ripple
±1dB
Stop Band
104.85
kHz
Stop-Band Attenuation
70
dB
Group Delay
140
ms
TEST CONDITIONS, UNLESS OTHERWISE NOTED
*
Supply Voltages (AVDD, DVDDX)5 V
Ambient Temperature
25
∞C
Input Clock
12.288 MHz, (8
Mode)
Input Signal
Nominally 1 kHz, 0 dBFS
(Full-Scale)
Input Sample Rate
48 kHz
Measurement Bandwidth
20 Hz to 20 kHz
Word Width
24 Bits
Load Capacitance
100 pF
Load Impedance
10 k
W
*Performance is identical for all channels (except for the Interchannel Gain
Mismatch and Interchannel Phase Deviation specifications).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com