Electronic Components Datasheet Search
  English  ▼

X  

AD1991 Datasheet(PDF) 4 Page - Analog Devices

Part # AD1991
Description  Class D/1-Bit Audio Power Output Stage
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1991 Datasheet(HTML) 4 Page - Analog Devices

  AD1991 Datasheet HTML 1Page - Analog Devices AD1991 Datasheet HTML 2Page - Analog Devices AD1991 Datasheet HTML 3Page - Analog Devices AD1991 Datasheet HTML 4Page - Analog Devices AD1991 Datasheet HTML 5Page - Analog Devices AD1991 Datasheet HTML 6Page - Analog Devices AD1991 Datasheet HTML 7Page - Analog Devices AD1991 Datasheet HTML 8Page - Analog Devices AD1991 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
REV. 0
–4–
AD1991
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25
°C, unless otherwise noted.)
AVDD, DVDD to AGND, DGND . . . . . . . . . . –0.3 V to +6.5 V
PVDDX to PGNDx
2
. . . . . . . . . . . . . . . . . . . –0.3 V to +30.0 V
AGND to DGND to PGNDx . . . . . . . . . . . . –0.3 V to +0.3 V
AVDD to DVDD . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to +0.5 V
Operating Temperature Range (Ambient)
Industrial . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . 150
°C
θ
JC Thermal Resistance
3
. . . . . . . . . . . . . . . . . . . . . . . 1
°C/W
Lead Temperature
Soldering (10 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . 260
°C
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD1991 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Only one absolute
maximum rating may be applied at any one time.
2Including any induced voltage due to inductive load.
3With respect to the temperature of the exposed pad.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD1991ASV
–40
°C to +85°CThin Quad Flat Pack [TQFP]
SV-52
AD1991ASVRL
–40
°C to +85°CThin Quad Flat Pack [TQFP]
SV-52
EVAL-AD1991EB
Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com