Electronic Components Datasheet Search
  English  ▼

X  

AD5245 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5245
Description  256-Position I2C Compatible Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5245 Datasheet(HTML) 2 Page - Analog Devices

  AD5245 Datasheet HTML 1Page - Analog Devices AD5245 Datasheet HTML 2Page - Analog Devices AD5245 Datasheet HTML 3Page - Analog Devices AD5245 Datasheet HTML 4Page - Analog Devices AD5245 Datasheet HTML 5Page - Analog Devices AD5245 Datasheet HTML 6Page - Analog Devices AD5245 Datasheet HTML 7Page - Analog Devices AD5245 Datasheet HTML 8Page - Analog Devices AD5245 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD5245
Rev. 0 | Page 2 of 16
TABLE OF CONTENTS
Electrical Characteristics—5 kΩ Version ...................................... 3
Electrical Characteristics—10 kΩ, 50 kΩ, 100 kΩ Versions ....... 4
Timing Characteristics—5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ Versions 5
Absolute Maximum Ratings
............................................................ 5
Typical Performance Characteristics ............................................. 6
Test Circuits..................................................................................... 10
I2C Interface..................................................................................... 11
Operation......................................................................................... 12
Programming the Variable Resistor ......................................... 12
Programming the Potentiometer Divider ............................... 13
I2C Compatible 2-Wire Serial Bus............................................ 13
Level Shifting for Bidirectional Interface ................................ 14
ESD Protection ........................................................................... 14
Terminal Voltage Operating Range.......................................... 14
Power-Up Sequence ................................................................... 15
Layout and Power Supply Bypassing ....................................... 15
Pin Configuration and Function Descriptions........................... 15
Pin Configuration ...................................................................... 15
Pin Function Descriptions ........................................................ 15
Outline Dimensions ....................................................................... 16
Ordering Guide .......................................................................... 16
ESD Caution................................................................................ 16
REVISION HISTORY
Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com